Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 22 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 22 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
20
1.14 (.045)
Max.
W
W
L
L
T
T
L.D.
L.D.
L.S.
L.S.
31.7 (1.25)
Min.
31.7 (1.25)
Min.
Style MR05
Styles MR04, MR06,
MR07, MR08
Dimensions: Millimeters (Inches)
HOW TO ORDER
AVX Styles: MR04, MR05, MR06, MR07, MR08
Part Number Example:
MR05
1
A
56
1
J
A
A
AVX Style
Voltage
Dielectric
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
1
Failure Rate
Leads
GENERAL INFORMATION
AVX MR Series
Molded Radial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, Z5U
50, 100, 200 Volts
Case Material: Molded Epoxy
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2
Dielectric: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros.
For example, order 560 pF as 561. (For values below 10pF,
use “R” in place of decimal point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): D = ±.5pF (<10 pF only), F = ±1.0% (>50 pF only),
G = ±2.0% (>25 pF only), J = ±5%, K = ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Failure Rate: Not Applicable
Leads: A = Standard Solderable
T1 = Trimmed Leads, .230" ± .030"
1
Trimmed lead length for the MR05 style will be
measured from the bend in the lead (seating plane).
MARKING
Marking is as size permits.
(For code identification, see HOW TO ORDER section.)
— AVX
— Capacitance Tolerance
— Voltage Rating
— Temperature Coefficient
— Date Code
— Lot Code
PACKAGING REQUIREMENTS
Bulk Packaging: 1000 pcs. per sealed package except
MR07/MR08 (300 pcs.).
Tape and Reel: Available on MR04, MR05, and MR06
only (2500 pcs./reel).
Ammo Packaging: Available on special request.
Radial Leads/Ceralam®


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn