Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104GAT Datasheet(PDF) 15 Page - AVX Corporation

Part No. SR215C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104GAT Datasheet(HTML) 15 Page - AVX Corporation

Back Button SR215C104GAT Datasheet HTML 11Page - AVX Corporation SR215C104GAT Datasheet HTML 12Page - AVX Corporation SR215C104GAT Datasheet HTML 13Page - AVX Corporation SR215C104GAT Datasheet HTML 14Page - AVX Corporation SR215C104GAT Datasheet HTML 15Page - AVX Corporation SR215C104GAT Datasheet HTML 16Page - AVX Corporation SR215C104GAT Datasheet HTML 17Page - AVX Corporation SR215C104GAT Datasheet HTML 18Page - AVX Corporation SR215C104GAT Datasheet HTML 19Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
13
GENERAL SPECIFICATIONS
Capacitance Range
Contact AVX
Capacitance Test at 25°C
Measured at 1.0 VRMS max. at 1 KHz
Capacitance Tolerances
+80%, -20%
Operating Temperature Range
-30°C to +85°C
Temperature Characteristic
+22%, -82%
Voltage Ratings
100 & 50 Vdc
Dissipation Factor
7% max. (<25 volts)
5% max. (
≥25 volts)
at 1 KHz, 1.0 VRMS max.
Insulation Resistance 25°C (MIL-STD-202-Method 302)
10 K megohms or 100 megohms - µF minimum,
whichever is less
Dielectric Strength
200% of rated Vdc
Life Test (1,000 hours)
150% rated voltage at +85°C
Moisture Resistance (MIL-STD-202-Method 106)
Immersion Cycling (MIL-STD-202-Method 104, condition B)
-50
-30
0
+25
+60
+85
120
100
80
60
40
20
Temperature, C
o
Special Dielectrics
Y5V (Dielectric “G”)
Typical Temperature Characteristic
Y5V
TYPICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn