Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104GAT Datasheet(PDF) 61 Page - AVX Corporation

Part No. SR215C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104GAT Datasheet(HTML) 61 Page - AVX Corporation

Back Button SR215C104GAT Datasheet HTML 57Page - AVX Corporation SR215C104GAT Datasheet HTML 58Page - AVX Corporation SR215C104GAT Datasheet HTML 59Page - AVX Corporation SR215C104GAT Datasheet HTML 60Page - AVX Corporation SR215C104GAT Datasheet HTML 61Page - AVX Corporation SR215C104GAT Datasheet HTML 62Page - AVX Corporation SR215C104GAT Datasheet HTML 63Page - AVX Corporation SR215C104GAT Datasheet HTML 64Page - AVX Corporation SR215C104GAT Datasheet HTML 65Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
59
HOW TO ORDER
Military Type Designation:
Established Reliability = CCR75, CCR76, CCR77, CCR78, CCR79
Non-Established Reliability = CC75, CC76, CC77, CC78, CC79
MIL-C-20/Axial Leads
MIL Part No. Codes
Style: CC = Identifies temperature compensating,
ceramic dielectric, fixed capacitors.
R = Identifies Established Reliability parts.
76 = Numbers identify shape and dimension.
Temperature Characteristic:
1/ Not practically measurable.
Capacitance Code:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 1,000 pF as 102. (For values below 10 pF,
use “R” in place of decimal point, e.g., 1R8 - 1.8pF).
Capacitance Tolerance:
C = ±0.25 pF, D = ±0.5 pF, F = ±1%,
G = ±2%, J = ±5%, K = ±10%
Military Failure Rate:
M = 1% per 1000 hours, P = 0.1% per 1000 hours,
R = 0.01% per 1000 hours, S = 0.001% per 1000 hours.
Permissible capacitance change from capacitance at +25°C in ppm/°C
Temp.
Characteristic
CX
CK
CJ
CH
CG
+125°C
1/
±250 ppm/°C ±120 ppm/°C
±60 ppm/°C
±30 ppm/°C
-55°C 2/
1/
+246.25
+116.25
+55.00
+27.50
-326.25
-166.25
-91.25
-53.75
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
L
1.25
MIN.
L.D.
D
Part Number Example
CCR76
CG
102
J
R
Style
Temperature Characteristic
Capacitance Code
Capacitance Tolerance
Military Failure Rate
Per MIL
Spec
Case Size
Length
Diameter
Lead Diameter
MIL-C-20
(L)
(D)
(L.D.)
CCR75
4.07±.25
2.29±.25
.48±.05
CC75
(.160±.010)
(.090±.010)
(.019±.002)
CCR76
6.35±.25
2.29±.25
.48±.05
CC76
(.250±.010)
(.090±.010)
(.019±.002)
CCR77
9.91±.25
3.56±.25
.63±.05
CC77
(.390±.010)
(.140±.010)
(.025±.002)
CCR78
12.7±.51
6.35±.38
.63±.05
CC78
(.500±.020)
(.250±.015)
(.025±.002)
CCR79
17.53±.51
8.89±.51
.63±.05
CC79
(.690±.020)
(.350±.020)
(.025±.002)
PACKAGING REQUIREMENTS
Packaging:
Bulk
CCR75/CC75, CCR76/CC76, CCR77/CC77,
100 pcs/bag
CCR78/CC78, CCR79/CC79
50 pcs/bag
Tape & Reel
CCR75/CC75, CCR76/CC76
5000 pcs/reel
CCR77/CC77
3000 pcs/reel
CCR78/CC78
950 pcs/reel
CCR79/CC79
650 pcs/reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn