Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104GAT Datasheet(PDF) 56 Page - AVX Corporation

Part No. SR215C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104GAT Datasheet(HTML) 56 Page - AVX Corporation

Back Button SR215C104GAT Datasheet HTML 52Page - AVX Corporation SR215C104GAT Datasheet HTML 53Page - AVX Corporation SR215C104GAT Datasheet HTML 54Page - AVX Corporation SR215C104GAT Datasheet HTML 55Page - AVX Corporation SR215C104GAT Datasheet HTML 56Page - AVX Corporation SR215C104GAT Datasheet HTML 57Page - AVX Corporation SR215C104GAT Datasheet HTML 58Page - AVX Corporation SR215C104GAT Datasheet HTML 59Page - AVX Corporation SR215C104GAT Datasheet HTML 60Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
54
MIL-C-11015/Radial Leads
Military Part Number Identification CK05 and CK06
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CK05 (BX)
CK05BX100_
10
K, M
200
CK05BX120K_
12
K
200
CK05BX150_
15
K, M
200
CK05BX180K_
18
K
200
CK05BX220_
22
K, M
200
CK05BX270K_
27
K
200
CK05BX330_
33
K, M
200
CK05BX390K_
39
K
200
CK05BX470_
47
K, M
200
CK05BX560K_
56
K
200
CK05BX680_
68
K, M
200
CK05BX820K_
82
K
200
CK05BX101_
100
K, M
200
CK05BX121K_
120
K
200
CK05BX151_
150
K, M
200
CK05BX181K_
180
K
200
CK05BX221_
220
K, M
200
CK05BX271K_
270
K
200
CK05BX331_
330
K, M
200
CK05BX391K_
390
K
200
CK05BX471_
470
K, M
200
CK05BX561K_
560
K
200
CK05BX681_
680
K, M
200
CK05BX821K_
820
K
200
CK05BX102_
1,000
K, M
200
CK05BX122_
1,200
K
100
CK05BX152_
1,500
K, M
100
CK05BX182K_
1,800
K
100
CK05BX222_
2,200
K, M
100
CK05BX272K_
2,700
K
100
CK05BX332_
3,300
K, M
100
CK05BX392K_
3,900
K
100
CK05BX472_
4,700
K, M
100
CK05BX562K_
5,600
K
100
CK05BX682_
6,800
K, M
100
CK05BX822K_
8,200
K
100
CK05BX103_
10,000
K, M
100
CK05BX123K_
12,000
K
50
CK05BX153_
15,000
K, M
50
CK05BX183K_
18,000
K
50
CK05BX223_
22,000
K, M
50
CK05BX273K_
27,000
K
50
CK05BX333_
33,000
K, M
50
CK05BX393K_
39,000
K
50
CK05BX473_
47,000
K, M
50
CK05BX563K_
56,000
K
50
CK05BX683_
68,000
K, M
50
CK05BX823K_
82,000
K
50
CK05BX104_
100,000
K, M
50
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CK06 (BX)
CK06BX122K_
1,200
K
200
CK06BX152_
1,500
K, M
200
CK06BX182K_
1,800
K
200
CK06BX222_
2,200
K, M
200
CK06BX272K_
2,700
K
200
CK06BX332_
3,300
K, M
200
CK06BX392K_
3,900
K
200
CK06BX472_
4,700
K, M
200
CK06BX562K_
5,600
K
200
CK06BX682_
6,800
K, M
200
CK06BX822K_
8,200
K
200
CK06BX103_
10,000
K, M
200
CK06BX123K_
12,000
K
100
CK06BX153_
15,000
K, M
100
CK06BX183K_
18,000
K
100
CK06BX223_
22,000
K, M
100
CK06BX273K_
27,000
K
100
CK06BX333_
33,000
K, M
100
CK06BX393K_
39,000
K
100
CK06BX473_
47,000
K, M
100
CK06BX563K_
56,000
K
100
CK06BX683_
68,000
K, M
100
CK06BX823K_
82,000
K
100
CK06BX104_
100,000
K, M
100
CK06BX124K_
120,000
K
50
CK06BX154_
150,000
K, M
50
CK06BX184K_
180,000
K
50
CK06BX224_
220,000
K, M
50
CK06BX274K_
270,000
K
50
CK06BX334_
330,000
K, M
50
CK06BX394K_
390,000
K
50
CK06BX474_
470,000
K, M
50
CK06BX564K_
560,000
K
50
CK06BX684_
680,000
K, M
50
CK06BX824K_
820,000
K
50
CK06BX105_
1.0 mfd
K, M
50
Add Capacitance Tolerance Letter K = ±10% or M = ±20%
Add Capacitance Tolerance Letter K = ±10% or M = ±20%
MARKING
CK05
BX
103K
100V
AAAY
9910
Style
Temperature Characteristic
Capacitance Value
(3 digit code) and Capacitance Tolerance
Voltage Rating
A for AVX; Plant I.D. (X); Lot Code (XX)
Date Code
Front
Back
CK05/CK06


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn