Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104GAT Datasheet(PDF) 54 Page - AVX Corporation

Part No. SR215C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104GAT Datasheet(HTML) 54 Page - AVX Corporation

Back Button SR215C104GAT Datasheet HTML 50Page - AVX Corporation SR215C104GAT Datasheet HTML 51Page - AVX Corporation SR215C104GAT Datasheet HTML 52Page - AVX Corporation SR215C104GAT Datasheet HTML 53Page - AVX Corporation SR215C104GAT Datasheet HTML 54Page - AVX Corporation SR215C104GAT Datasheet HTML 55Page - AVX Corporation SR215C104GAT Datasheet HTML 56Page - AVX Corporation SR215C104GAT Datasheet HTML 57Page - AVX Corporation SR215C104GAT Datasheet HTML 58Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
52
MIL-C-39014/2Pin DIP
MILITARY DASH NUMBER IDENTIFICATION CKR24 to MIL-C-39014/22
(Dash Number From Table)
Military
Failure Rate Level (%/1,000 Hours)
Type
Standard Lead Length
Optional Longer Lead Length
Capacitance
Capacitance
Designation
1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S) 1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S)
(pF)
Tolerance
WVDC
Style CKR24, Voltage-temperature limits of ±15% (+15%, -40% for Rated Voltage)
CKR24BR124K_
0240
0540
0840
1140
3240
3540
3840
4140
120,000
K
100
CKR24BR154K_
0241
0541
0841
1141
3241
3541
3841
4141
150,000
K
100
CKR24BR154M_
0242
0542
0842
1142
3242
3542
3842
4142
150,000
M
100
CKR24BR184K_
0243
0543
0843
1143
3243
3543
3843
4143
180,000
K
50
CKR24BR224K_
0244
0544
0844
1144
3244
3544
3844
4144
220,000
K
CKR24BR224M_
0245
0545
0845
1145
3245
3545
3845
4145
220,000
M
CKR24BR274K_
0246
0546
0846
1146
3246
3546
3846
4146
270,000
K
CKR24BR334K_
0247
0547
0847
1147
3247
3547
3847
4147
330,000
K
CKR24BR334M_
0248
0548
0848
1148
3248
3548
3848
4148
330,000
M
CKR24BR394K_
0249
0549
0849
1149
3249
3549
3849
4149
390,000
K
CKR24BR474K_
0250
0550
0850
1150
3250
3550
3850
4150
470,000
K
CKR24BR474M_
0251
0551
0851
1151
3251
3551
3851
4151
470,000
M
CKR24BR564K_
0252
0552
0852
1152
3252
3552
3852
4152
560,000
K
CKR24BR684K_
0253
0553
0853
1153
3253
3553
3853
4153
680,000
K
CKR24BR684M_
0254
0554
0854
1154
3254
3554
3854
4154
680,000
M
CKR24BR824K_
0255
0555
0855
1155
3255
3555
3855
4155
820,000
K
CKR24BR105K_
0256
0556
0856
1156
3256
3556
3856
4156
1,000,000
K
CKR24BR105M_
0257
0557
0857
1157
3257
3557
3857
4157
1,000,000
M
50
Add appropriate failure rate level letter (M, P, R or S)
MARKING
Date Code (year and week)
Trademark
4-Digit Dash Number


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn