Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104GAT Datasheet(PDF) 37 Page - AVX Corporation

Part No. SR215C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104GAT Datasheet(HTML) 37 Page - AVX Corporation

Back Button SR215C104GAT Datasheet HTML 33Page - AVX Corporation SR215C104GAT Datasheet HTML 34Page - AVX Corporation SR215C104GAT Datasheet HTML 35Page - AVX Corporation SR215C104GAT Datasheet HTML 36Page - AVX Corporation SR215C104GAT Datasheet HTML 37Page - AVX Corporation SR215C104GAT Datasheet HTML 38Page - AVX Corporation SR215C104GAT Datasheet HTML 39Page - AVX Corporation SR215C104GAT Datasheet HTML 40Page - AVX Corporation SR215C104GAT Datasheet HTML 41Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
35
Axial Leads/Ceralam®
C0G (NP0) Dielectric SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
For other tolerances see Part No. Codes
For other voltages see Part No. Codes.
AVX Style
200
100
50
200
100
50
200
100
50
200
100
50
200
100
50
200 100
50
AVX Style
MA10
MA20
MA30
MA40
MA50
MA60
Length
4.07 ± .25
6.35 ± .25
6.09 ± .25
9.91 ± .25
12.7 ± .51
17.53 ± .51
(.160" ± .010")
(.250" ± .010")
(.240" ± .010")
(.390" ± .010")
(.500" ± .020")
(.690" ± .020")
Diameter
2.29 ± .25
2.29 ± .25
3.30 ± .25
3.56 ± .25
6.35 ± .38
8.89 ± .51
(.090" ± .010")
(.090" ± .010")
(.130" ± .010")
(.140" ± .010")
(.250" ± .015")
(.350" ± .015")
Lead
.48 ± .05
.48 ± .05
.48 ± .05
.63 ± .05
.63 ± .05
.63 ± .05
Diameter
(.019" ± .002")
(.019" ± .002")
(.019" ± .002")
(.025" ± .002")
(.025" ± .002")
(.025" ± .002")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
1.0
MA-----5A1R0DAA
to
9.1
MA-----5A9R1DAA
10
MA-----5A100KAA
12
MA-----5A120KAA
15
MA-----5A150KAA
18
MA-----5A180KAA
22
MA-----5A220KAA
27
MA-----5A270KAA
33
MA-----5A330KAA
39
MA-----5A390KAA
47
MA-----5A470KAA
56
MA-----5A560KAA
68
MA-----5A680KAA
82
MA-----5A820KAA
100
MA-----5A101KAA
120
MA-----5A121KAA
150
MA-----5A151KAA
180
MA-----5A181KAA
220
MA-----5A221KAA
270
MA-----5A271KAA
330
MA-----5A331KAA
390
MA-----5A391KAA
470
MA-----5A471KAA
560
MA-----5A561KAA
680
MA-----5A681KAA
820
MA-----5A821KAA
1000
MA-----5A102KAA
1200
MA-----5A122KAA
1500
MA-----5A152KAA
1800
MA-----5A182KAA
2200
MA-----5A222KAA
2700
MA-----5A272KAA
3300
MA-----5A332KAA
3900
MA-----5A392KAA
4700
MA-----5A472KAA
5600
MA-----5A562KAA
6800
MA-----5A682KAA
8200
MA-----5A822KAA
10,000
MA-----5A103KAA
12,000
MA-----5A123KAA
15,000
MA-----5A153KAA
18,000
MA-----5A183KAA
22,000
MA-----5A223KAA
27,000
MA-----5A273KAA
33,000
MA-----5A333KAA
39,000
MA-----5A393KAA
47,000
MA-----5A473KAA
56,000
MA-----5A563KAA
68,000
MA-----5A683KAA
82,000
MA-----5A823KAA
100,000
MA-----5A104KAA
120,000
MA-----5A124KAA
150,000
MA-----5A154KAA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn