Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104GAT Datasheet(PDF) 26 Page - AVX Corporation

Part No. SR215C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104GAT Datasheet(HTML) 26 Page - AVX Corporation

Back Button SR215C104GAT Datasheet HTML 22Page - AVX Corporation SR215C104GAT Datasheet HTML 23Page - AVX Corporation SR215C104GAT Datasheet HTML 24Page - AVX Corporation SR215C104GAT Datasheet HTML 25Page - AVX Corporation SR215C104GAT Datasheet HTML 26Page - AVX Corporation SR215C104GAT Datasheet HTML 27Page - AVX Corporation SR215C104GAT Datasheet HTML 28Page - AVX Corporation SR215C104GAT Datasheet HTML 29Page - AVX Corporation SR215C104GAT Datasheet HTML 30Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
24
STANDARD 2
STANDARD 1
Radial Leads/Packaging
Tape and Reel
The Insertables
GENERAL INFORMATION
1. Standard reel diameter is 355 millimeters (14 inches) maximum.
2. Reeling standard (#1 or #2) should be specified when ordering.
HOW TO ORDER
To specify tape and reel packaging, add TR1, TR2 or TRX to the
end of the AVX 12 digit part number.
Examples:
SR215C104KAATR1
SR305E105MAATR2
SR215C103JAATRX
32 mm max.
16
± 0.5 mm
SR07
SR29
SR59
SR65
SR75
32 mm max.
19 mm min.
SR07
SR29
SR59
SR65
SR75
STANDARD 1
32 max.
16
± .5
SR29
SR28
SR12
SR21
SR13
SR32
MR05
32 max.
16 min.
SR15
MR06
SR30
SR40
20 +1.5
-1.0
SR21
SR32
SR63
(TRX)
(TRX)
(TRX)
SR20
Dimensions in Millimeters
STANDARD 2
32 max.
19 min.
SR29
SR28
SR12
SR21
SR13
SR32
MR05
32 max.
19 min.
SR15
MR06
SR30
SR40
SR20
Dimensions in Millimeters
T
K
E
D
B
A
L
Q
C
W
R
F
S
S
O
NM
X
DESCRIPTION
A. Feed Hole Pitch
B. Feed Hole Diameter
C. Feed Hole Location
D. Component Lead Spacing
E. Component Lead Location
F. Component Lead Protrusion
(edge of carrier to cut end of lead)
K. Component Body Location
L. Carrier Tape Width
M. Carrier Tape Assembly Thickness
N. Carrier Tape Spliced Thickness
O. Carrier Tape Spliced Length
Q. Adhesive Tape Border
R. Component Bent Leads (either direction)
S. Component Misalignment
T. Component Pitch
W. Adhesive Tape Width
X. Carrier Tape Thickness
Y. Cumulative Pitch over 20 Pitches
DIMENSIONS (MM)
12.70 ± .20
3.99 ± .20
9.02 ± .51
5.00
+.79
or 2.54
+.79
-.20
-.20
3.81 ±.51 or 5.00 ±.51
for 2.54 lead spacing
2.00 maximum
6.35 ±.41
18.01 +1.02
-.51
.71 ± .20
1.42 maximum
50.80 - 88.90
3.00 maximum
.79 maximum
.99 maximum
12.70 ±.99
5.00 minimum
.51 ±.10
254 ±2.00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn