Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104GAT Datasheet(PDF) 25 Page - AVX Corporation

Part No. SR215C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104GAT Datasheet(HTML) 25 Page - AVX Corporation

Back Button SR215C104GAT Datasheet HTML 21Page - AVX Corporation SR215C104GAT Datasheet HTML 22Page - AVX Corporation SR215C104GAT Datasheet HTML 23Page - AVX Corporation SR215C104GAT Datasheet HTML 24Page - AVX Corporation SR215C104GAT Datasheet HTML 25Page - AVX Corporation SR215C104GAT Datasheet HTML 26Page - AVX Corporation SR215C104GAT Datasheet HTML 27Page - AVX Corporation SR215C104GAT Datasheet HTML 28Page - AVX Corporation SR215C104GAT Datasheet HTML 29Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
23
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
Radial Leads/Ceralam®
Z5U Dielectric
*Length, width and thickness dimensions are ±.254 mm (±.010"). Lead diameter is ±.05 mm (±.002"). Lead spacing is ±.381 mm (±.015).
= Industry preferred values
For trimmed leads see “How To Order”.
For other tolerances see “How To Order”.
For other voltages see “How To Order”.
AVX Style
MR04
MR05
MR06
MR07
MR08
Length*
4.83
4.83
7.36
12.44
12.44
(.190")
(.190")
(.290")
(.490")
(.490")
Width*
4.83
4.83
7.36
12.44
12.44
(.190")
(.190")
(.290")
(.490")
(.490")
Thickness*
2.28
2.28
2.28
3.55
6.09
(.090")
(.090")
(.090")
(.140")
(.240")
Lead*
2.54
5.08
5.08
10.16
10.16
Spacing
(.100")
(.200")
(.200")
(.400")
(.400")
Lead*
.635
.635
.635
.635
.635
Diameter
(.025")
(.025")
(.025")
(.025")
(.025")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
100
50
100
50
100
50
100
50
100
50
10,000
MR-----5E103ZAA
12,000
MR-----5E123ZAA
15,000
MR-----5E153ZAA
18,000
MR-----5E183ZAA
22,000
MR-----5E223ZAA
27,000
MR-----5E273ZAA
33,000
MR-----5E333ZAA
39,000
MR-----5E393ZAA
47,000
MR-----5E473ZAA
56,000
MR-----5E563ZAA
68,000
MR-----5E683ZAA
82,000
MR-----5E823ZAA
100,000
MR-----5E104ZAA
120,000
MR-----5E124ZAA
150,000
MR-----5E154ZAA
180,000
MR-----5E184ZAA
220,000
MR-----5E224ZAA
270,000
MR-----5E274ZAA
330,000
MR-----5E334ZAA
390,000
MR-----5E394ZAA
470,000
MR-----5E474ZAA
560,000
MR-----5E564ZAA
680,000
MR-----5E684ZAA
820,000
MR-----5E824ZAA
1.0 µF
MR-----5E105ZAA
1.2 µF
MR-----5E125ZAA
1.5 µF
MR-----5E155ZAA
1.8 µF
MR-----5E185ZAA
2.2 µF
MR-----5E225ZAA
2.7 µF
MR-----5E275ZAA
3.3 µF
MR-----5E335ZAA
3.9 µF
MR-----5E395ZAA
4.7 µF
MR-----5E475ZAA
5.6 µF
MR-----5E565ZAA
6.8 µF
MR-----5E685ZAA
8.2 µF
MR-----5E825ZAA
10.0 µF
MR-----5E106ZAA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn