Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 9 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 9 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 5Page - AVX Corporation SR217A104GAT Datasheet HTML 6Page - AVX Corporation SR217A104GAT Datasheet HTML 7Page - AVX Corporation SR217A104GAT Datasheet HTML 8Page - AVX Corporation SR217A104GAT Datasheet HTML 9Page - AVX Corporation SR217A104GAT Datasheet HTML 10Page - AVX Corporation SR217A104GAT Datasheet HTML 11Page - AVX Corporation SR217A104GAT Datasheet HTML 12Page - AVX Corporation SR217A104GAT Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
7
Impedance vs. Frequency
Effect of Capacitance – AVX SpinGuards
Impedance vs. Frequency
Effect of Dielectric – AVX DIPGuards
Impedance vs. Frequency
Effect of Lead Length – Military CKR05 .01mF
Typical Curve of Aging Rate
X7R Dielectric
Effects of Mechanical Stress – High “K” dielectric ceramic
capacitors exhibit some low level piezoelectric reactions
under mechanical stress. As a general statement, the
piezoelectric output is higher, the higher the dielectric con-
stant of the ceramic. It is desirable to investigate this effect
before using high “K” dielectrics as coupling capacitors in
extremely low level applications.
Reliability – Historically ceramic capacitors have been one
of the most reliable types of capacitors in use today.
The approximate formula for the reliability of a ceramic
capacitor is:
L
o
=
V
t
X
T
t
Y
L
t
V
o
T
o
where
Lo = operating life
Tt = test temperature and
L t = test life
To = operating temperature in °C
V t = test voltage
Vo = operating voltage X,Y = see text
Historically for ceramic capacitors exponent X has been
considered as 3. The exponent Y for temperature effects
typically tends to run about 8.
The Capacitor
.001mF
.01mF
.1mF
.33mF
1
10
100
1000
Log Frequency, MHz
10.00
1.00
0.10
0.01
1
10
100
200
Log Frequency, MHz
10.0
1.0
0.1
1
10
100
1000
Log Frequency, MHz
10.0
1.0
0.1
100.0
.500"
.250"
.062"
0"
1
10
100
1000 10,000 100,000
Hours
+1.5
0
-1.5
-3.0
-4.5
-6.0
-7.5
Characteristic
Max. Aging Rate %/Decade
C0G (NP0)
X7R
Z5U
Y5V
None
2
3
5
Figure 9
Figure 8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn