Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 7 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 7 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 3Page - AVX Corporation SR217A104GAT Datasheet HTML 4Page - AVX Corporation SR217A104GAT Datasheet HTML 5Page - AVX Corporation SR217A104GAT Datasheet HTML 6Page - AVX Corporation SR217A104GAT Datasheet HTML 7Page - AVX Corporation SR217A104GAT Datasheet HTML 8Page - AVX Corporation SR217A104GAT Datasheet HTML 9Page - AVX Corporation SR217A104GAT Datasheet HTML 10Page - AVX Corporation SR217A104GAT Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
5
EIA CODE
Percent Capacity Change Over Temperature Range
RS198
Temperature Range
X7
-55°C to +125°C
X5
-55°C to +85°C
Y5
-30°C to +85°C
Z5
+10°C to +85°C
Code
Percent Capacity Change
D
±3.3%
E
±4.7%
F
±7.5%
P
±10%
R
±15%
S
±22%
T
+22%, -33%
U
+22%, - 56%
V
+22%, -82%
The Capacitor
MIL CODE
Symbol
Temperature Range
A
-55°C to +85°C
B
-55°C to +125°C
C
-55°C to +150°C
Symbol
Cap. Change
Cap. Change
Zero Volts
Rated Volts
R
+15%, -15%
+15%, -40%
W
+22%, -56%
+22%, -66%
X
+15%, -15%
+15%, -25%
Y
+30%, -70%
+30%, -80%
Z
+20%, -20%
+20%, -30%
Table 2: MIL and EIA Temperature Stable and General Application Codes
50
40
30
20
10
0
12.5
25
37.5
50
Volts AC at 1.0 KHz
Curve 3 - 25 VDC Rated Capacitor
Curve 2 - 50 VDC Rated Capacitor
Curve 1 - 100 VDC Rated Capacitor
Curve 3
Curve 2
Curve 1
.5
1.0
1.5
2.0
2.5
AC Measurement Volts at 1.0 KHz
10.0
8.0
6.0
4.0
2.0
0
Figure 2
Figure 3
Temperature characteristic is specified by combining range and change
symbols, for example BR or AW. Specification slash sheets indicate the
characteristic applicable to a given style of capacitor.
EXAMPLE – A capacitor is desired with the capacitance value at 25°C
to increase no more than 7.5% or decrease no more than 7.5% from
-30°C to +85°C. EIA Code will be Y5F.
In specifying capacitance change with temperature for
Class 2 materials, EIA expresses the capacitance change
over an operating temperature range by a 3 symbol code.
The first symbol represents the cold temperature end of the
temperature range, the second represents the upper limit
of the operating temperature range and the third symbol
represents the capacitance change allowed over the
operating temperature range. Table 2 provides a detailed
explanation of the EIA system.
Effects of Voltage – Variations in voltage affects only the
capacitance and dissipation factor. The application of DC
voltage reduces both the capacitance and dissipation
factor while the application of an AC voltage within a
reasonable range tends to increase both capacitance and
dissipation factor readings. If a high enough AC voltage is
applied, eventually it will reduce capacitance just as a DC
voltage will. Figure 2 shows the effects of AC voltage.
Capacitor specifications specify the AC voltage at which to
measure (normally 0.5 or 1 VAC) and application of the
wrong voltage can cause spurious readings. Figure 3 gives
the voltage coefficient of dissipation factor for various AC
voltages at 1 kilohertz. Applications of different frequencies
will affect the percentage changes versus voltages.
Cap. Change vs. A.C. Volts
AVX X7R T.C.
D.F. vs. A.C. Measurement Volts
AVX X7R T.C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn