Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 69 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 69 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 64Page - AVX Corporation SR217A104GAT Datasheet HTML 65Page - AVX Corporation SR217A104GAT Datasheet HTML 66Page - AVX Corporation SR217A104GAT Datasheet HTML 67Page - AVX Corporation SR217A104GAT Datasheet HTML 68Page - AVX Corporation SR217A104GAT Datasheet HTML 69Page - AVX Corporation SR217A104GAT Datasheet HTML 70Page - AVX Corporation SR217A104GAT Datasheet HTML 71Page - AVX Corporation SR217A104GAT Datasheet HTML 72Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
67
MIL-C-123/2 Pin DIP
.325
±.035
(SEE NOTE 4)
.012
±.004
(SEE NOTE 3)
60
° ± 20° TYP.
.010 MAX.
.019
± .004
.260
± .020
.092
±.006
SEE
NOTE 2
.128
± .007
.148
± .028
.175 MAX.
.015
MIN.
.058
± .012
.090
± .004
.325
±.035
(SEE NOTE 5)
.012
±.004
(SEE NOTE 4)
60
° ± 20° TYP.
.010 MAX.
.019
± .004
.260
± .020
.092
±.006
SEE
NOTE 3
.155
± .007
.148
± .028
.195 MAX.
.015
MIN.
.058
± .012
.090
± .004
.325
±.035
(SEE NOTE 4)
.012
±.004
(SEE NOTE 3)
60
° ± 20° TYP.
.010 MAX.
.019
± .004
.260
± .020
.092
±.006
SEE
NOTE 2
.283
± .007
.148
± .028
.320 MAX.
.015
MIN.
.058
± .012
.090
± .004
STYLE CKS24, -/18
STYLE CKS23, -/17
STYLE CKS22, -/16
NOTES:
1. Dimensions are in inches.
2. Leads shall be centered within ±.005
(0.13mm).
3. The angle shall be 95° +10°, -5°.
4. The distance between the centers of the
mounting holes will be .300 ±.010 inch
(7.62 ±0.25mm).
5. Nonconductive material shall not extend
beyond .030 inch (0.76mm) from the edge
of the capacitor body.
NOTES:
1. Dimensions are in inches.
2. Metric equivalents are given for general
information only.
3. Leads shall be centered within +.005
(0.13mm).
4. The angle shall be 95° +10°, -5°.
5. The distance between the centers of the
mounting holes will be .300 ±.010 inch
(7.62 ±0.25mm).
6. Nonconductive materials shall not extend
beyond .030 inch (0.76mm) from the edge
of the capacitor body.
NOTES:
1. Dimensions are in inches.
2. Leads shall be centered within ±.005
(0.13mm).
3. The angle shall be 95°+10°,-5° .
4. The distance between the centers
of the mounting holes will be .300 ±.010
inch (7.62 ±0.25mm).
5. Nonconductive material shall not extend
beyond .030 inch (0.76mm) from the edge
of the capacitor body.
Capacitance Capacitance
Voltage-
Rated
Part Number 1/
pf
Tolerance
Temperature Voltage
Limits
M123A16BPD1R0DC
1.0
D
BP
200
M123A16BPD1R2DC
1.2
M123A16BPD1R5DC
1.5
M123A16BPD1R8DC
1.8
M123A16BPD2R2DC
2.2
M123A16BPD2R7DC
2.7
M123A16BPD3R3DC
3.3
M123A16BPD3R9DC
3.9
M123A16BPD4R7DC
4.7
M123A16BPD5R6DC
5.6
M123A16BPD6R8DC
6.8
M123A16BPD8R2DC
8.2
M123A16BPD100_C
10
D, J, K
M123A16BPD120_C
12
M123A16BPD150_C
15
M123A16BPD180_C
18
M123A16BPD220_C
22
M123A16BPD270_C
27
M123A16BPD330_C
33
M123A16BPD390_C
39
M123A16BPD470_C
47
M123A16BPD560_C
56
M123A16BPD680_C
68
F, J, K
M123A16BPD820_C
82
M123A16BPD101_C
100
M123A16BPD121_C
120
M123A16BPD151_C
150
M123A16BPD181_C
180
M123A16BPD221_C
220
M123A16BPD271_C
270
M123A16BPD331_C
330
M123A16BPD391_C
390
M123A16BPD471_C
470
F, J, K
BP
200
M123A16BPC561_C
560
F, J, K
BP
100
M123A16BPC681_C
680
M123A16BPC821_C
820
M123A16BPC102_C
1000
M123A16BPC122_C
1200
M123A16BPC152_C
1500
M123A16BPC182_C
1800
M123A16BPC222_C
2200
F, J, K
BP
100
M123A16BPB272_C
2700
F, J, K
BP
50
M123A16BPB332_C
3300
M123A16BPB392_C
3900
M123A16BPB472_C
4700
F, J, K
BP
50
M123A16BXD271KC
270
K
BX
200
M123A16BXD331_C
330
K, M
M123A16BXD391KC
390
K
M123A16BXD471_C
470
K, M
M123A16BXD561KC
560
K
M123A16BXD681_C
680
K, M
M123A16BXD821KC
820
K
BX
200
M123A16BXC102_C
1000
K, M
BX
100
M123A16BXC122KC
1200
K
M123A16BXC152_C
1500
K, M
M123A16BXC182KC
1800
K
M123A16BXC222_C
2200
K, M
BX
100
MIL-C-123/STYLE CKS22, -/16
Capacitance Capacitance
Voltage-
Rated
Part Number 1/
pf
Tolerance
Temperature Voltage
Limits
M123A16BXC272KC
2700
K
BX
100
M123A16BXC332_C
3300
K, M
M123A16BXC392KC
3900
K
M123A16BXC472_C
4700
K, M
M123A16BXC562KC
5600
K
M123A16BXC682_C
6800
K, M
M123A16BXC822KC
8200
K
M123A16BXC103_C
10000
K, M
BX
100
M123A16BXB123KC
12000
K
BX
50
M123A16BXB153_C
15000
K, M
M123A16BXB183KC
18000
K
M123A16BXB223_C
22000
K, M
M123A16BXB273KC
27000
K
M123A16BXB333_C
33000
K, M
M123A16BXB393KC
39000
K
M123A16BXB473_C
47000
K, M
M123A16BXB563KC
56000
K
M123A16BXB683_C
68000
K, M
M123A16BXB823KC
82000
K
M123A16BXB104_C
100000
K, M
BX
50
Capacitance Capacitance
Voltage-
Rated
Part Number 1/
pf
Tolerance
Temperature Voltage
Limits
M123A17BPD561_C
560
F, J, K
BP
200
M123A17BPD681_C
680
M123A17BPD821_C
820
M123A17BPD102_C
1000
M123A17BPD122_C
1200
F, J, K
BP
200
M123A17BPC272_C
2700
F, J, K
BP
100
M123A17BPC332_C
3300
F, J, K
BP
100
M123A17BPB472_C
4700
F, J, K
BP
50
M123A17BPB562_C
5600
M123A17BPB682_C
6800
M123A17BPB822_C
8200
M123A17BPB103_C
10000
F, J, K
BP
50
M123A17BXD102_C
1000
K, M
BX
200
M123A17BXD122KC
1200
K
M123A17BXD152_C
1500
K, M
M123A17BXD182KC
1800
K
M123A17BXD222_C
2200
K, M
M123A17BXD272KC
2700
K
M123A17BXD332_C
3300
K, M
M123A17BXD392KC
3900
K
M123A17BXD472_C
4700
K, M
M123A17BXD562KC
5600
K
M123A17BXD682_C
6800
K, M
M123A17BXD822KC
8200
K
M123A17BXD103_C
10000
K, M
BX
200
M123A17BXC123KC
12000
K
BX
100
M123A17BXC153_C
15000
K, M
M123A17BXC183KC
18000
K
M123A17BXC223_C
22000
K, M
M123A17BXC273KC
27000
K
BX
100
1/The complete part number shall include a symbol to indicate
capacitance tolerance, as applicable.
MIL-C-123/STYLE CKS23, -/17
Capacitance Capacitance
Voltage-
Rated
Part Number 1/
pf
Tolerance
Temperature Voltage
Limits
M123A17BXC333_C
33000
K, M
BX
100
M123A17BXC393KC
39000
K
M123A17BXC473_C
47000
K, M
M123A17BXC563KC
56000
K
M123A17BXC683_C
68000
K, M
M123A17BXC823KC
82000
K
M123A17BXC104_C
100000
K, M
BX
100
M123A17BXB124KC
120000
K
BX
50
M123A17BXB154_C
150000
K, M
M123A17BXB184KC
180000
K
M123A17BXB224_C
220000
K, M
BX
50
Capacitance
Capacitance
Rated
Part Number 1/
pf
Tolerance
Voltage
Limits
M123A18BRC124KC
120000
K
100
M123A18BRC154_C
150000
K, M
100
M123A18BRB184KC
180000
K
50
M123A18BRB224_C
220000
K, M
M123A18BRB274KC
270000
K
M123A18BRB334_C
330000
K, M
M123A18BRB394KC
390000
K
M123A18BRB474_C
470000
K, M
50
1/The complete part number shall include a symbol to indicate
capacitance tolerance, as applicable.
MIL-C-123/STYLE CKS24, -/18
1/The complete part number shall include a symbol to indicate
capacitance tolerance, as applicable.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn