Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 55 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 55 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 51Page - AVX Corporation SR217A104GAT Datasheet HTML 52Page - AVX Corporation SR217A104GAT Datasheet HTML 53Page - AVX Corporation SR217A104GAT Datasheet HTML 54Page - AVX Corporation SR217A104GAT Datasheet HTML 55Page - AVX Corporation SR217A104GAT Datasheet HTML 56Page - AVX Corporation SR217A104GAT Datasheet HTML 57Page - AVX Corporation SR217A104GAT Datasheet HTML 58Page - AVX Corporation SR217A104GAT Datasheet HTML 59Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
53
HOW TO ORDER
Military Type Designation: Styles CK05, CK06
For values, tolerances, voltages, sizes, configurations and
dielectrics not shown, contact AVX facilities directly
for information.
Part Number Example
CK05
BX
104
K
Style
Voltage-Temperature Limits
Capacitance Code
Capacitance Tolerance
MIL-C-11015/Radial Leads
MIL Part No. Codes
Style: CK = General purpose, ceramic dielectric, fixed
capacitors.
05 = Remaining two numbers identify shape and
dimension.
Voltage-Temperature Limits:
First letter identifies temperature range.
B = -55°C to +125°C
Second letter identifies voltage-temperature coefficient.
Sig. Fig. Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros.
For example, order 100,000 pF as 104.
Capacitance Tolerances: K = ±10%, M = ±20%
Packaging: CK05 1000 per bag
CK06 1000 per bag
Radial tape and reel packaging available upon
request (2500 pcs./reel).
Capacitance Change with Reference to 25°C
Second Letter
No Voltage
Rated Voltage
X
+15, -15%
+15, -25%
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
L.D.
L.D.
L.S.
L.S.
W
W
T
L
L
Figure 1
Figure 2
1.250 Min.
1.250 Min.
Case
Size
Per MIL Spec
MIL-C-11015
CK05 (Fig. 1)
CK06 (Fig. 2)
Length (L)
4.83±.25
7.37±.25
(.190±.010)
(.290±.010)
Width (W)
4.83±.25
7.37±.25
(.190±.010)
(.290±.010)
Thickness (T)
2.29±.25
2.29±.25
(.090±.010)
(.090±.010)
Lead
5.08±.38
5.08±.38
Spacing (L.S.)
(.200±.015)
(.200±.015)
Lead
.64±.05
.64±.05
Diameter (L.D.)
(.025±.002)
(.025±.002)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn