Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 52 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 52 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 48Page - AVX Corporation SR217A104GAT Datasheet HTML 49Page - AVX Corporation SR217A104GAT Datasheet HTML 50Page - AVX Corporation SR217A104GAT Datasheet HTML 51Page - AVX Corporation SR217A104GAT Datasheet HTML 52Page - AVX Corporation SR217A104GAT Datasheet HTML 53Page - AVX Corporation SR217A104GAT Datasheet HTML 54Page - AVX Corporation SR217A104GAT Datasheet HTML 55Page - AVX Corporation SR217A104GAT Datasheet HTML 56Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
50
MIL-C-39014/2Pin DIP
MILITARY DASH NUMBER IDENTIFICATION CKR22 to MIL-C-39014/22
(Dash Number From Table)
Military
Failure Rate Level (%/1,000 Hours)
Type
Standard Lead Length
Optional Longer Lead Length
Capacitance
Capacitance
Designation
1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S) 1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S)
(pF)
Tolerance
WVDC
Style CKR22, Voltage-temperature limits of ±15% (+15%, -25% for Rated Voltage)
CKR22BX271K_
0148
0448
0748
1048
3148
3448
3748
4048
270
K
200
CKR22BX331K_
0149
0449
0749
1049
3149
3449
3749
4049
330
K
CKR22BX331M_
0150
0450
0750
1050
3150
3450
3750
4050
330
M
CKR22BX391K_
0151
0451
0751
1051
3151
3451
3751
4051
390
K
CKR22BX471K_
0152
0452
0752
1052
3152
3452
3752
4052
470
K
CKR22BX471M_
0153
0453
0753
1053
3153
3453
3753
4053
470
M
CKR22BX561K_
0154
0454
0754
1054
3154
3454
3754
4054
560
K
CKR22BX681K_
0155
0455
0755
1055
3155
3455
3755
4055
680
K
CKR22BX681M_
0156
0456
0756
1056
3156
3456
3756
4056
680
M
CKR22BX821K_
0157
0457
0757
1057
3157
3457
3757
4057
820
K
200
CKR22BX102K_
0158
0458
0758
1058
3158
3458
3758
4058
1,000
K
100
CKR22BX102M_
0159
0459
0759
1059
3159
3459
3759
4059
1,000
M
CKR22BX122K_
0160
0460
0760
1060
3160
3460
3760
4060
1,200
K
CKR22BX152K_
0161
0461
0761
1061
3161
3461
3761
4061
1,500
K
CKR22BX152M_
0162
0462
0762
1062
3162
3462
3762
4062
1,500
M
CKR22BX182K_
0163
0463
0763
1063
3163
3463
3763
4063
1,800
K
CKR22BX222K_
0164
0464
0764
1064
3164
3464
3764
4064
2,200
K
CKR22BX222M_
0165
0465
0765
1065
3165
3465
3765
4065
2,200
M
CKR22BX272K_
0166
0466
0766
1066
3166
3466
3766
4066
2,700
K
CKR22BX332K_
0167
0467
0767
1067
3167
3467
3767
4067
3,300
K
CKR22BX332M_
0168
0468
0768
1068
3168
3468
3768
4068
3,300
M
CKR22BX392K_
0169
0469
0769
1069
3169
3469
3769
4069
3,900
K
CKR22BX472K_
0170
0470
0770
1070
3170
3470
3770
4070
4,700
K
CKR22BX472M_
0171
0471
0771
1071
3171
3471
3771
4071
4,700
M
CKR22BX562K_
0172
0472
0772
1072
3172
3472
3772
4072
5,600
K
CKR22BX682K_
0173
0473
0773
1073
3173
3473
3773
4073
6,800
K
CKR22BX682M_
0174
0474
0774
1074
3174
3474
3774
4074
6,800
M
CKR22BX822K_
0175
0475
0775
1075
3175
3475
3775
4075
8,200
K
CKR22BX103K_
0176
0476
0776
1076
3176
3476
3776
4076
10,000
K
CKR22BX103M_
0177
0477
0777
1077
3177
3477
3777
4077
10,000
M
100
CKR22BX123K_
0178
0478
0778
1078
3178
3478
3778
4078
12,000
K
50
CKR22BX153K_
0179
0479
0779
1079
3179
3479
3779
4079
15,000
K
CKR22BX153M_
0180
0480
0780
1080
3180
3480
3780
4080
15,000
M
CKR22BX183K_
0181
0481
0781
1081
3181
3481
3781
4081
18,000
K
CKR22BX223K_
0182
0482
0782
1082
3182
3482
3782
4082
22,000
K
CKR22BX223M_
0183
0483
0783
1083
3183
3483
3783
4083
22,000
M
CKR22BX273K_
0184
0484
0784
1084
3184
3484
3784
4084
27,000
K
CKR22BX333K_
0185
0485
0785
1085
3185
3485
3785
4085
33,000
K
CKR22BX333M_
0186
0486
0786
1086
3186
3486
3786
4086
33,000
M
CKR22BX393K_
0187
0487
0787
1087
3187
3487
3787
4087
39,000
K
CKR22BX473K_
0188
0488
0788
1088
3188
3488
3788
4088
47,000
K
CKR22BX473M_
0189
0489
0789
1089
3189
3489
3789
4089
47,000
M
CKR22BX563K_
0190
0490
0790
1090
3190
3490
3790
4090
56,000
K
CKR22BX683K_
0191
0491
0791
1091
3191
3491
3791
4091
68,000
K
CKR22BX683M_
0192
0492
0792
1092
3192
3492
3792
4092
68,000
M
CKR22BX823K_
0193
0493
0793
1093
3193
3493
3793
4093
82,000
K
CKR22BX104K_
0194
0494
0794
1094
3194
3494
3794
4094
100,000
K
CKR22BX104M_
0195
0495
0795
1095
3195
3495
3795
4095
100,000
M
50
Add appropriate failure rate level letter (M, P, R or S)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn