Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 38 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 38 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 34Page - AVX Corporation SR217A104GAT Datasheet HTML 35Page - AVX Corporation SR217A104GAT Datasheet HTML 36Page - AVX Corporation SR217A104GAT Datasheet HTML 37Page - AVX Corporation SR217A104GAT Datasheet HTML 38Page - AVX Corporation SR217A104GAT Datasheet HTML 39Page - AVX Corporation SR217A104GAT Datasheet HTML 40Page - AVX Corporation SR217A104GAT Datasheet HTML 41Page - AVX Corporation SR217A104GAT Datasheet HTML 42Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
36
Axial Leads/Ceralam®
X7R Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
For other tolerances see Part No. Codes
For other voltages see Part No. Codes.
AVX Style
200
100
50
200
100
50
200
100
50
200
100
50
200
100
50
200 100
50
AVX Style
MA10
MA20
MA30
MA40
MA50
MA60
Length
4.07 ± .25
6.35 ± .25
6.09 ± .25
9.91 ± .25
12.7 ± .51
17.53 ± .51
(.160" ± .010")
(.250" ± .010")
(.240" ± .010")
(.390" ± .010")
(.500" ± .020")
(.690" ± .020")
Diameter
2.29 ± .25
2.29 ± .25
3.30 ± .25
3.56 ± .25
6.35 ± .38
8.89 ± .51
(.090" ± .010")
(.090" ± .010")
(.130" ± .010")
(.140" ± .010")
(.250" ± .015")
(.350" ± .015")
Lead
.48 ± .05
.48 ± .05
.48 ± .05
.63 ± .05
.63 ± .05
.63 ± .05
Diameter
(.019" ± .002")
(.019" ± .002")
(.019" ± .002")
(.025" ± .002")
(.025" ± .002")
(.025" ± .002")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
220
MA-----5C221KAA
270
MA-----5C271KAA
330
MA-----5C331KAA
390
MA-----5C391KAA
470
MA-----5C471KAA
560
MA-----5C561KAA
680
MA-----5C681KAA
820
MA-----5C821KAA
1000
MA-----5C102KAA
1200
MA-----5C122KAA
1500
MA-----5C152KAA
1800
MA-----5C182KAA
2200
MA-----5C222KAA
2700
MA-----5C272KAA
3300
MA-----5C332KAA
3900
MA-----5C392KAA
4700
MA-----5C472KAA
5600
MA-----5C562KAA
6800
MA-----5C682KAA
8200
MA-----5C822KAA
10,000
MA-----5C103KAA
12,000
MA-----5C123KAA
15,000
MA-----5C153KAA
18,000
MA-----5C183KAA
22,000
MA-----5C223KAA
27,000
MA-----5C273KAA
33,000
MA-----5C333KAA
39,000
MA-----5C393KAA
47,000
MA-----5C473KAA
56,000
MA-----5C563KAA
68,000
MA-----5C683KAA
82,000
MA-----5C823KAA
100,000
MA-----5C104KAA
120,000
MA-----5C124KAA
150,000
MA-----5C154KAA
180,000
MA-----5C184KAA
220,000
MA-----5C224KAA
270,000
MA-----5C274KAA
330,000
MA-----5C334KAA
390,000
MA-----5C394KAA
470,000
MA-----5C474KAA
560,000
MA-----5C564KAA
680,000
MA-----5C684KAA
820,000
MA-----5C824KAA
1.0 µF
MA-----5C105KAA
1.2 µF
MA-----5C125KAA
1.5 µF
MA-----5C155KAA
1.8 µF
MA-----5C185KAA
2.2 µF
MA-----5C225KAA
2.7 µF
MA-----5C275KAA
3.3 µF
MA-----5C335KAA
3.9 µF
MA-----5C395KAA


Similar Part No. - SR217A104GAT

ManufacturerPart No.DatasheetDescription
AVX Corporation
AVX Corporation
SR217A104GAR AVX-SR217A104GAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GARAP1 AVX-SR217A104GARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GARAP1 AVX-SR217A104GARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR217A104GART AVX-SR217A104GART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GART AVX-SR217A104GART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR217A104GAT

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
EPCOS
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
Panasonic Semiconductor
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
EPCOS
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
Cornell Dubilier Electronics
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
EPCOS
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz