Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 36 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 36 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 32Page - AVX Corporation SR217A104GAT Datasheet HTML 33Page - AVX Corporation SR217A104GAT Datasheet HTML 34Page - AVX Corporation SR217A104GAT Datasheet HTML 35Page - AVX Corporation SR217A104GAT Datasheet HTML 36Page - AVX Corporation SR217A104GAT Datasheet HTML 37Page - AVX Corporation SR217A104GAT Datasheet HTML 38Page - AVX Corporation SR217A104GAT Datasheet HTML 39Page - AVX Corporation SR217A104GAT Datasheet HTML 40Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
34
GENERAL DESCRIPTION
AVX MA Series
Molded Axial Leaded MLC
Temperature Coefficient: C0G (NP0), X7R, Z5U
50V, 100V and 200V
Case Material: Molded Epoxy
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2
Dielectric: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier: First two digits are
the significant figures of capacitance. Third digit indicates the
additional number of zeros. For example, order 100,000 pF as
104. (For values below 10 pF, use “R” in place of decimal
point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): F = ±1.0%, J = ±5%, K = ±10%,
M = ±20%, D = ±.5pF <10 pF only
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Failure Rate: Not Applicable
Leads: Standard
‡ C tolerance available C0G (NP0) from 1.0 to 9.1 pF only. Minimum
tolerance for values 10 pF - 100 pF is D or F whichever is greater.
Axial Leads/Ceralam®
L
LD
D
Lead Length
Min.
A5E
104
ZAA
910
HOW TO ORDER
AVX Styles: MA10, MA20, MA30, MA40, MA50, MA60
Part Number Example
MA10
5
E
10
4
Z
A
A
Molded Axial Size
Voltage
Dielectric
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
Failure Rate
Leads
MARKING (Example)
Line 1, A (for AVX), 5 = 50 Volts (V is optional), E = TC
Line 2, 104Z = Capacitance Code
Line 3, Tolerance, 2 digit Lot Code
Date Code: 9 = 1999
10 = Week
Four Digit Date Code Optional
Per MIL-Spec
Case Size
AVX
Lead
Style
MIL-C-11015
MIL-C-39014
MIL-C-20
Length (L)
Diameter (D)
Diameter (LD)
MA10
CK12
CKR11
CCR75/CC75
4.07 ± .25
2.29 ± .25
.48 ± .05
(.160" ± .010")
(.090" ± .010")
(.019" ± .002")
MA20
CK13
CKR12
CCR76/CC76
6.35 ± .25
2.29 ± .25
.48 ± .05
(.250" ± .010")
(.090" ± .010")
(.019" ± .002")
MA40
CK14
CKR14
CCR77/CC77
9.91 ± .25
3.56 ± .25
.63 ± .05
(.390" ± .010")
(.140" ± .010")
(.025" ± .002")
MA50
CK15
CKR15
CCR78/CC78
12.7 ± .51
6.35 ± .38
.63 ± .05
(.500" ± .020")
(.250" ± .015")
(.025" ± .002")
MA60
CK16
CKR16
CCR79/CC79
17.53 ± .51
8.89 ± .51
.63 ± .05
(.690" ± .020")
(.350" ± .015")
(.025" ± .002")
For Military/Established Reliability Molded/Axial Lead see MIL-C-11015, MIL-C-39014, MIL-C-20 Section.
Dimensions: Millimeters (Inches)
MILITARY CROSS REFERENCE AND DIMENSIONS GUIDE


Similar Part No. - SR217A104GAT

ManufacturerPart No.DatasheetDescription
AVX Corporation
AVX Corporation
SR217A104GAR AVX-SR217A104GAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GARAP1 AVX-SR217A104GARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GARAP1 AVX-SR217A104GARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR217A104GART AVX-SR217A104GART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GART AVX-SR217A104GART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR217A104GAT

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
EPCOS
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
Panasonic Semiconductor
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
EPCOS
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
Cornell Dubilier Electronics
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
EPCOS
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz