Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR217A104GAT Datasheet(PDF) 35 Page - AVX Corporation

Part # SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 35 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 31Page - AVX Corporation SR217A104GAT Datasheet HTML 32Page - AVX Corporation SR217A104GAT Datasheet HTML 33Page - AVX Corporation SR217A104GAT Datasheet HTML 34Page - AVX Corporation SR217A104GAT Datasheet HTML 35Page - AVX Corporation SR217A104GAT Datasheet HTML 36Page - AVX Corporation SR217A104GAT Datasheet HTML 37Page - AVX Corporation SR217A104GAT Datasheet HTML 38Page - AVX Corporation SR217A104GAT Datasheet HTML 39Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
33
HOW TO ORDER
AVX Style: MC02
Part Number Example
MC02
Y
C
222
K
A
A
Style
Voltage
Temperature Characteristic
Sig. Figures of Cap. & Mult.
Capacitance Tolerance Code
Failure Rate
Packaging Std.
Axial Leads/Mini-Ceramic Capacitor®
GENERAL DESCRIPTION
AVX’s new mini-ceramic capacitor
(MC02) is only 0.040" thick by 0.050"
wide by 0.100" long, the same size as
AVX’s MINITAN (TMH Series) “W”
case size. This allows the lower value
ceramic multilayer capacitors to fit
into the same designs as the AVX tan-
talum capacitor’s “W” size. It uses the
same solder coated pure nickel lead
wire suitable for either soldering
or welding.
Part Number Codes
Voltages: 6.3V = 6, 16V = Y, 10V = Z
Dielectric: X7R = C, Y5V = G
Sig. Figures of Capacitance and
Multiplier: First two digits are the
significant figures of capacitance.
Third digit indicates the additional
number of zeros. For example,
order 100,000 pF as 104. (For val-
ues below 10 pF, use “R” in place of
decimal point, e.g., 1R4 = 1.4 pF.)
Capacitance Tolerances:
X7R: J = ±5%, K = ±10%,
M = ±20%
Failure Rate: Not Applicable
Packaging Standard:
100 pieces per bag
1.1
(0.040)
Max.
1.3
(0.050)
Max.
.18
±.035
(.007
±.001)
1.3
(0.050)
Max.
0.825
(0.030)
1.1
(0.040)
Max.
1.3
(0.050)
Max.
2.5
(0.100)
Max.
2.5
(0.100)
Max.
2.9
(0.115)
Max.
1.9
(0.075)
Max.
.18
±.035
(.007
±.001)
Dimensions: mm (inch)
MC01
MC02
MC03
1.0
(0.040)
Max.
1.0
(0.040)
Max.
.18
±.035
(.007
±.001)
1.9
(0.075)
Max.
MC04
Cap. in
Typical AVX
pF
Part Nos.
MC02
1000
MC02YC102KAA
1500
MC02YC152KAA
2200
MC02YC222KAA
3300
MC02YC332KAA
4700
MC02YC472KAA
5600
MC02YC562KAA
6800
MC02YC682KAA
8200
MC02YC822KAA
10,000
MC02YC103KAA
15,000
MC02YC153KAA
22,000
MC02YC223KAA
33,000
MC02YC333KAA
47,000
MC02YC473KAA
68,000
MC02YC683KAA
100,000
MC02YC104KAA
150,000
MC026C154KAA
220,000
MC026C224KAA
470,000
MC026C474KAA
1,000,000 MC026C105KAA
Capacitance Specifications
Cap. in
Typical AVX
pF
Part Nos.
MC04
1000
MC04YC102KAA
1500
MC04YC152KAA
2200
MC04YC222KAA
3300
MC04YC332KAA
4700
MC04YC472KAA
5600
MC04YC562KAA
6800
MC04YC682KAA
8200
MC04YC822KAA
10,000
MC04YC103KAA
15,000
MC04YC153KAA
22,000
MC04YC223KAA
33,000
MC046C333KAA
47,000
MC046C473KAA
68,000
MC046C683KAA
100,000
MC046C104KAA
Cap. in
Typical AVX
pF
Part Nos.
MC01
1000 MC01YC102KAR
1500 MC01YC152KAR
2200 MC01YC222KAR
3300 MC01YC332KAR
4700 MC01YC472KAR
5600 MC01YC562KAR
6800 MC01YC682KAR
8200 MC01YC822KAR
10,000 MC01YC103KAR
15,000 MC01YC153KAR
22,000 MC01YC223KAR
33,000 MC016C333KAR
47,000 MC016C473KAR
68,000 MC016C683KAR
100,000 MC016C104KAR
Cap. in
Typical AVX
pF
Part Nos.
MC03
µF
X7R
µF
Y5V
.33 MC03ZC334KAA
2.2 MC03ZG225ZAA
.47 MC03ZC474KAA
1.0
MC03ZC105KAA
1.0
MC03YC105KAA
MARKING
Three digit Capacitance Code
Color coded Capacitance Tolerance:
±5% = Gold Dot
±10% = Silver Dot


Similar Part No. - SR217A104GAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR217A104GAR AVX-SR217A104GAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GARAP1 AVX-SR217A104GARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GARAP1 AVX-SR217A104GARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR217A104GART AVX-SR217A104GART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104GART AVX-SR217A104GART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR217A104GAT

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com