Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 30 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 30 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 26Page - AVX Corporation SR217A104GAT Datasheet HTML 27Page - AVX Corporation SR217A104GAT Datasheet HTML 28Page - AVX Corporation SR217A104GAT Datasheet HTML 29Page - AVX Corporation SR217A104GAT Datasheet HTML 30Page - AVX Corporation SR217A104GAT Datasheet HTML 31Page - AVX Corporation SR217A104GAT Datasheet HTML 32Page - AVX Corporation SR217A104GAT Datasheet HTML 33Page - AVX Corporation SR217A104GAT Datasheet HTML 34Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
28
Axial Leads/SpinGuard®
D
Max.
Max.
L
Lead Length
Min.
L.D.
A
5
E
10
4
Z
A
B
9
1
0
VOLTAGE
(5 = 50V)
TC
(E = Z5U)
AVX
TOLERANCE
(Z = +80, -20%)
YEAR (1999)
WEEK (10th)
CAP CODE
AND MULTIPLIER
ALPHA-ALPHA,
LOT CODE
AB=LOT #2 IN WEEK
SA105E104ZAA
LOT CODE/DATE CODE
=910AB
MARKING (Example)
SpinGuard marking includes full date code/lot code identifi-
cation. A first in the industry, this format provides complete
traceability to all manufacturing processes involving the
basic chip and final assembly. Total Shipment traceability is
also provided.
PACKAGING REQUIREMENTS
A = Standard Reels (see Page 38)
B = 1000 piece reels (distributors only, tight tolerance only)
C = Ammo Pack (see Page 38)
D thru J = See Special Lead Configurations (Page 32)
L = Twin Coat Leads (95/5 Flash Tin/Lead)
M = 26mm tape and reel
N = 26mm ammo pack
HOW TO ORDER
AVX Styles: SA05, SA10, SA11, SA20, SA30, SA40
Part Number Example
SA10
5
E
10
4
Z
A
A
Conformal Axial Size
Voltage
Dielectric
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
Failure Rate
Packaging/Leads
GENERAL DESCRIPTION
AVX SA Series
Conformally Coated Axial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R , Z5U
50, 100, 200 Volts
Case Material: Epoxy (Flame Retardant to UL Bulletin
492, Par. 280)
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2
Dielectric: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier: First two
digits are the significant figures of capacitance. Third
digit indicates the additional number of zeros. For exam-
ple, order 100,000 pF as 104. (For values below 10 pF,
use “R” in place of decimal point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): C = ±0.25 pF, D = ±.5 pF, F = ±1%,
G = ±2%, J = ±5%, K = ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Failure Rate: Not Applicable
Leads: Standard (Solderable)
A
Z
10
4
9
A
B
AVX
TOLERANCE
(Z = +80%, -20%)
YEAR (1999)
CAP CODE
AND MULTIPLIER
LOT CODE
SA055E104ZAA
LOT CODE/DATE CODE
=9AB
SA10, 11, 20, 30, 40
SA05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn