Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104GAT Datasheet(PDF) 16 Page - AVX Corporation

Part No. SR217A104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104GAT Datasheet(HTML) 16 Page - AVX Corporation

Back Button SR217A104GAT Datasheet HTML 12Page - AVX Corporation SR217A104GAT Datasheet HTML 13Page - AVX Corporation SR217A104GAT Datasheet HTML 14Page - AVX Corporation SR217A104GAT Datasheet HTML 15Page - AVX Corporation SR217A104GAT Datasheet HTML 16Page - AVX Corporation SR217A104GAT Datasheet HTML 17Page - AVX Corporation SR217A104GAT Datasheet HTML 18Page - AVX Corporation SR217A104GAT Datasheet HTML 19Page - AVX Corporation SR217A104GAT Datasheet HTML 20Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
14
Radial Leads/SkyCap®
See Note
See Note
Dimensions: Millimeters (Inches)
Note: Coating clean .784/.031 min.
above seating plane
Styles SR15, SR20,
SR30, SR40, SR50
Style SR21
Styles SR22, SR27
W
Max.
W
Max.
W
Max.
Max.
T
Max.
T
Max.
T
L.S.
±.762/.030
L.S.
±.762/.030
L.S.
±.762/.030
H Max.
H Max.
H Max.
1.0" Min.
1.0" Min.
1.0" Min.
LD
Nom.
LD
Nom.
LD
Nom.
1.52/.060
Max.
HOW TO ORDER
AVX Styles: SR15, SR20, SR21, SR22, SR27, SR30, SR40, SR50
Part Number Example
SR21
5
E
10
4
M
A
A
AVX Style
Voltage
Temperature Coefficient
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
Failure Rate Not Applicable
Leads
GENERAL INFORMATION
AVX SR Series
Conformally Coated Radial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, Z5U
200, 100, 50 Volts (300V, 400V & 500V also available)
Case Material: Epoxy
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2,
300V = 9, 400V = 8, 500V = 7
Temp. Coefficient: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 100,000 pF as 104. (For values below
10pF, use “R” in place of decimal point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): C = ±.25pF, D = ±.5pF, F = ±1.0% (>50 pF only)
G = ±2.0% (>25 pF only), J = ±5%, K = ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%,-20%
Failure Rate: A = Not Applicable
Leads: T = Trimmed Leads, .230" ± .030"
A = Long Leads, 1.0" minimum
(Other lead lengths are available, contact AVX)
MARKING
PACKAGING REQUIREMENTS
XXX
X X X
FRONT
XXX
A XX
BACK
Capacitance Code
Tolerance Code
Voltage Code
Temp. Char. Code
3 Digit Date Code
Lot Code
AVX Logo
Quantity per Bag
SR15, 20, 21, 22, 27, 30
1000 Pieces
SR40, 50
500 Pieces
Note: SR15, SR20, SR21, SR30, and SR40 available on tape and reel per EIA
specifications RS-468. See Pages 24 and 25.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn