Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116AJBG Datasheet(PDF) 18 Page - Elpida Memory

Part # EDE1116AJBG
Description  1G bits DDR2 SDRAM
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116AJBG Datasheet(HTML) 18 Page - Elpida Memory

Back Button EDE1116AJBG Datasheet HTML 14Page - Elpida Memory EDE1116AJBG Datasheet HTML 15Page - Elpida Memory EDE1116AJBG Datasheet HTML 16Page - Elpida Memory EDE1116AJBG Datasheet HTML 17Page - Elpida Memory EDE1116AJBG Datasheet HTML 18Page - Elpida Memory EDE1116AJBG Datasheet HTML 19Page - Elpida Memory EDE1116AJBG Datasheet HTML 20Page - Elpida Memory EDE1116AJBG Datasheet HTML 21Page - Elpida Memory EDE1116AJBG Datasheet HTML 22Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
EDE1108AJBG, EDE1116AJBG
Data Sheet E1732E21 (Ver.2.1)
18
AC Input Test Conditions
Parameter
Symbol
Value
Unit
Notes
Input reference voltage
VREF
0.5
× VDDQ
V
1
Input signal maximum peak to peak swing
VSWING(max.)
1.0
V
1
Input signal minimum slew rate
SLEW
1.0
V/ns
2, 3
Notes: 1. Input waveform timing is referenced to the input signal crossing through the VIH/IL (AC) level applied to
the device under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(AC) (min.) for
rising edges and the range from VREF to VIL(AC) (max.) for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL(AC) to VIH(AC) on the positive
transitions and VIH(AC) to VIL(AC) on the negative transitions.
VSWING(max.)
∆TR
∆TF
VREF
VIL (AC)(max.)
∆TF
Falling slew =
VDDQ
VIH (AC)(min.)
VIH (DC)(min.)
VIL (DC)(max.)
VIL (AC)(max.)
VSS
VREF
VIH (AC) min.
VREF
∆TR
Rising slew =
AC Input Test Signal Wave forms
VTT
Measurement point
DQ
RT =25
Output Load


Similar Part No. - EDE1116AJBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116AJBG-1 ELPIDA-EDE1116AJBG-1 Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1116AJBG-1J-F ELPIDA-EDE1116AJBG-1J-F Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1116AJBG-1J-F ELPIDA-EDE1116AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1116AJBG-8E-F ELPIDA-EDE1116AJBG-8E-F Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116AJBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com