Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLA01070045A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FLA01070045A
Description  Flexible PCB Penta-Band GSM Loop Antenna, 850/900/1800/1900/2100MHz 45mm 1.13cable, IPEX MHFII
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FLA01070045A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FLA01070045A Datasheet HTML 1Page - List of Unclassifed Manufacturers FLA01070045A Datasheet HTML 2Page - List of Unclassifed Manufacturers FLA01070045A Datasheet HTML 3Page - List of Unclassifed Manufacturers FLA01070045A Datasheet HTML 4Page - List of Unclassifed Manufacturers FLA01070045A Datasheet HTML 5Page - List of Unclassifed Manufacturers FLA01070045A Datasheet HTML 6Page - List of Unclassifed Manufacturers FLA01070045A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPE-12-8-052/A/ZL
Page 2 of 7
I. Introduction
The FLA.01 antenna is a penta-band cellular antenna that is embedded inside medical
devices and can achieve high performance, particularly with customization. The
technology can be applied to any frequency including licence free bands such as
433MHz, 868MHz, 915MHz, 2.4GHz and higher. With the FLA antenna, medical
device designers can ensure their devices now achieve reliable, consistent wireless
connections for transmitting patient data and also meet healthcare industry tests.
The FLA flexible circuit antenna is particularly suited to the healthcare market because
it can conform to any shape or size, a mechanical advantage for medical devices,
which come in different shapes, and sizes. To achieve the best possible performance
for an individual healthcare product, antenna customization can improve device
efficiency even further.
II. Specification
AMPS
GSM
DCS
PCS
3G
Band (MHz)
824-894MHz
880-960MHz
1710-1880MHz
1850-1990MHz
1920-2170MHz
Avg. Efficiency %
23.91%
22.62%
21.12%
27.02%
27.14%
Impedance
50 Ohm
VSWR
2.5
Radiation Pattern
Omi-Directional
Polarization
Linear
FPCB
H:65.7mm*37mm(at widest)*0.8mm
Connector
IPEX MHFII
Cable
Ø1.13
Cable Length
45 mm
Adhesive Tape
3M 467
Operation
Temperature
-40°C ~ +85°C
Storage Temperature
-30°C ~ +95°C
*tested in reference Device
*results will vary dependant on the environment/Ground Plane size


Similar Part No. - FLA01070045A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Littelfuse
FLA LITTELFUSE-FLA Datasheet
42Kb / 1P
   Axial Lead and Cartridge Fuses
logo
SICK AG
FLA-DIAG00001 SICK-FLA-DIAG00001 Datasheet
616Kb / 5P
   SAFE SERIES CONNECTION
FLA-MSTR00001 SICK-FLA-MSTR00001 Datasheet
618Kb / 5P
   SAFE SERIES CONNECTION
FLA-MSTR00002 SICK-FLA-MSTR00002 Datasheet
644Kb / 6P
   SAFE SERIES CONNECTION
More results

Similar Description - FLA01070045A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP14110100B ETC2-FXP14110100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
FXP14070100A TAOGLAS-FXP14070100A Datasheet
328Kb / 7P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
logo
List of Unclassifed Man...
FXP14090100A ETC2-FXP14090100A Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
FXP14240100B ETC2-FXP14240100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
FW90SMAM ETC2-FW90SMAM Datasheet
493Kb / 12P
   Penta-band Cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
FW91TNCM ETC2-FW91TNCM Datasheet
454Kb / 12P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
FW92RNTM ETC2-FW92RNTM Datasheet
703Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
logo
Taoglas antenna solutio...
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
logo
List of Unclassifed Man...
PC27070100A ETC2-PC27070100A Datasheet
252Kb / 8P
   850/900/1800/1900MHz GSM PCB Antenna
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com