Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR215C104DAT Datasheet(PDF) 29 Page - AVX Corporation

Part No. SR215C104DAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104DAT Datasheet(HTML) 29 Page - AVX Corporation

Back Button SR215C104DAT Datasheet HTML 25Page - AVX Corporation SR215C104DAT Datasheet HTML 26Page - AVX Corporation SR215C104DAT Datasheet HTML 27Page - AVX Corporation SR215C104DAT Datasheet HTML 28Page - AVX Corporation SR215C104DAT Datasheet HTML 29Page - AVX Corporation SR215C104DAT Datasheet HTML 30Page - AVX Corporation SR215C104DAT Datasheet HTML 31Page - AVX Corporation SR215C104DAT Datasheet HTML 32Page - AVX Corporation SR215C104DAT Datasheet HTML 33Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
27
Two Pin DIP/DIPGuard®
SIZE SPECIFICATIONS
MILITARY CROSS REFERENCE GUIDE
Note: For CKR22/23/24, see MIL-C-39014 section in the Military Section pages 47 thru 52.
CAPACITANCE SPECIFICATIONS
C0G (NP0)
X7R
Z5U
AVX Style
MIL-C-39014
Length (L)
Height (H1)
Height (H2)
Thickness
MD01
CKR22
6.60
3.43
4.19
2.54
(.260 ± .020)
(.135 max.)
(.165 max.)
(.092 ± .006)
MD02
CKR23
6.60
4.19
5.08
2.54
(.260 ± .020)
(.162 max.)
(.195 max.)
(.092 ± .006)
MD03
CKR24
6.60
7.37
8.13
2.54
(.260 ± .020)
(.290 max.)
(.320 max.)
(.092 ± .006)
For other voltages and tolerances see Part No. Codes.
For other voltages and tolerances see Part No. Codes.
EIA
Characteristic
X7R
AVX Style
MD01
Cap. in
WVDC
pF*
100
50
220
MD015C221KAB
330
MD015C331KAB
470
MD015C471KAB
680
MD015C681KAB
1000
MD015C102KAB
1500
MD015C152KAB
2200
MD015C222KAB
3300
MD015C332KAB
4700
MD015C472KAB
6800
MD015C682KAB
10,000
MD011C103KAB
15,000
MD015C153KAB
22,000
MD015C223KAB
33,000
MD015C333KAB
47,000
MD015C473KAB
68,000
MD015C683KAB
100,000
MD015C104KAB
AVX Style
MD02
Cap. in
WVDC
pF*
100
50
150,000
MD025C154KAB
220,000
MD025C224KAB
AVX Style
MD03
Cap. in
WVDC
pF*
100
50
330,000
MD035C334KAA
470,000
MD035C474KAA
680,000
MD035C684KAA
1,000,000
MD035C105KAA
For other voltages and tolerances see Part No. Codes.
*Other capacitance values available
upon special request.
= Industry preferred values
Dimensions: Millimeters (Inches)
Dimensions: Millimeters (Inches)
AVX Style
Length (L)
Height (H1)
Height (H2)
Thickness
MD01
6.60
3.43
4.19
2.54
(.260 ± .020)
(.135 max.)
(.165 max.)
(.098 max.)
MD02
6.60
4.19
5.08
2.54
(.260 ± .020)
(.162 max.)
(.195 max.)
(.098 max.)
MD03
6.60
7.37
8.13
2.54
(.260 ± .020)
(.290 max.)
(.320 max.)
(.098 max.)
EIA
Characteristic
C0G (NP0)
AVX Style
MD01
Cap. in
WVDC
pF*
100
50
10
MD015A100KAB
15
MD015A150KAB
22
MD015A220KAB
33
MD015A330KAB
47
MD015A470KAB
68
MD015A680KAB
100
MD015A101KAB
150
MD015A151KAB
220
MD015A221KAB
330
MD015A331KAB
470
MD015A471KAB
680
MD015A681KAB
1000
MD015A102KAB
1500
MD015A152KAB
2200
MD015A222KAB
3300
MD015A332KAB
AVX Style
MD02
Cap. in
WVDC
pF*
100
50
4700
MD025A472KAB
6800
MD025A682KAB
10000
MD025A103KAB
EIA
Characteristic
Z5U
AVX Style
MD01
Cap. in
WVDC
pF*
100
50
10,000
MD015E103ZAB
15,000
MD015E153ZAB
22,000
MD015E223ZAB
33,000
MD015E333ZAB
47,000
MD015E473ZAB
68,000
MD015E683ZAB
100,000
MD015E104ZAB
150,000
MD015E154ZAB
220,000
MD015E224ZAB
330,000
MD015E334ZAB
AVX Style
MD02
Cap. in
WVDC
pF*
100
50
470,000
MD025E474ZAB
AVX Style
MD03
Cap. in
WVDC
pF*
100
50
680,000
MD035E684ZAA
1,000,000
MD035E105ZAA
EIA
Characteristic
Y5V
AVX Style
MD01
Cap. in
WVDC
pF*
16
1,000,000
MD01YG105ZAB
2,200,000
MD01YG225ZAB
3,300,000
MD01YG335ZAB
AVX Style
MD02
Cap. in
WVDC
pF*
100
50
1,000,000
MD025G105ZAB
Y5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn