Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWST50373FR010JBO1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RWST50373FR010JBO1
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST50373FR010JBO1 Datasheet(HTML) 4 Page - Vishay Siliconix

  RWST50373FR010JBO1 Datasheet HTML 1Page - Vishay Siliconix RWST50373FR010JBO1 Datasheet HTML 2Page - Vishay Siliconix RWST50373FR010JBO1 Datasheet HTML 3Page - Vishay Siliconix RWST50373FR010JBO1 Datasheet HTML 4Page - Vishay Siliconix RWST50373FR010JBO1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 50017
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 12-May-09
64
RWST
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
Vishay Sfernice
PACKAGING
Box: Fixed quantity depending on size and connections.
MARKING
SFERNICE trademark, model, style, nominal resistance
(in
Ω), tolerance (in %), manufacturing date.
ORDERING INFORMATION
RWST
25 × 138
B
56U
± 5 %
B06
e
MODEL
STYLE
NON-INDUCTIVE
WINDING
Optional
SPECIAL
DESIGN
Optional
CONNECTIONS
OHMIC VALUE
Custom items are
subject to extra-charge
and min. order.
Please see price list.
TOLERANCE PACKAGING
LEAD
(Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
LEADS
OPTION
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
RWST
25138
25168
30250
40370
50373
A = AN
B = B
C = CS
F = Faston
N = Non
inductive
winding
The first three digits are
significant figures and
the last digit specifies
the number of zeros to
follow.
R
designates
decimal point.
4700 = 470
Ω
48R8 = 48.7
Ω
R010 = 0.01
Ω
R470 = 0.47
Ω
J = 5.0 %
K = 10 %
Box:
BO1
BO2
BO2NA
BO4
BO4NA
BO6
BO6NA
As applicable.
Example: BA7
2
5
6
C
40J
W
S
R
T
1
8
70
B
0
4


Similar Part No. - RWST50373FR010JBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST50X373NICS VISHAY-RWST50X373NICS Datasheet
209Kb / 3P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision 13-Jan-04
More results

Similar Description - RWST50373FR010JBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST VISHAY-RWST Datasheet
209Kb / 3P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision 13-Jan-04
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com