Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0IA1-31011 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 6000-0IA1-31011
Description  I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0IA1-31011 Datasheet(HTML) 5 Page - Emcore Corporation

  6000-0IA1-31011 Datasheet HTML 1Page - Emcore Corporation 6000-0IA1-31011 Datasheet HTML 2Page - Emcore Corporation 6000-0IA1-31011 Datasheet HTML 3Page - Emcore Corporation 6000-0IA1-31011 Datasheet HTML 4Page - Emcore Corporation 6000-0IA1-31011 Datasheet HTML 5Page - Emcore Corporation 6000-0IA1-31011 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET | NOVEMBER 2013
FIBER OPTICS
| REV 2013.11
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Drawing
I-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0IA1-31011

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0IA1-31001 EMCORE-6000-0IA1-31001 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
6000-0IA1-31004 EMCORE-6000-0IA1-31004 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
More results

Similar Description - 6000-0IA1-31011

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
8000-U EMCORE-8000-U Datasheet
750Kb / 8P
   Medallion 8000 Series 1550 nm Directly-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com