Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGH1056 Datasheet(PDF) 8 Page - LUXPIA

Part # LGH1056
Description  Specification for Approval
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LGH1056 Datasheet(HTML) 8 Page - LUXPIA

Back Button LGH1056_13 Datasheet HTML 4Page - LUXPIA LGH1056_13 Datasheet HTML 5Page - LUXPIA LGH1056_13 Datasheet HTML 6Page - LUXPIA LGH1056_13 Datasheet HTML 7Page - LUXPIA LGH1056_13 Datasheet HTML 8Page - LUXPIA LGH1056_13 Datasheet HTML 9Page - LUXPIA LGH1056_13 Datasheet HTML 10Page - LUXPIA LGH1056_13 Datasheet HTML 11Page - LUXPIA LGH1056_13 Datasheet HTML 12Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7/15
(Ver 1.0)
9. Reliability
9.1. Test Items And Results
NO
Test Item
Standard Test
Method
Test Conditions
Note
Number of
Damaged
1.
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°c, 10sec.
(Pre treatment
30°c,70%,12hrs)
1 times
0/22
2
Solderability
(Reflow Soldering)
JEITA ED-4701 300
303
Tsld=215±5°c, 3sec
(Lead Solder)
1 time
over 95%
0/22
3
Temperature Cycle
JEITA ED-4701 100
105
-40℃~25℃~100℃
30min. 5min. 30min
100 cycles
0/22
4
High Temperature
Storage
JEITA ED-4701 200
201
Ta=100℃
1000 hrs
0/22
5
Temperature Humidity
Storage
JEITA ED-4701 100
103
Ta=60℃, RH=90%
1000 hrs
0/22
6
Low Temperature
Storage
JEITA ED-4701 200
202
Ta=-40℃
1000 hrs
0/22
7
Steady State
Operating Life
Condition
Internal
Reference
Ta=25℃, IF=60mA
1000 hrs
0/22
8
Steady State
Operating Life of High
Temperature
Internal
Reference
Ta=85℃, IF=15mA
1000 hrs
0/22
9
Steady State
Operating Life of High
Humidity Heat
Internal
Reference
60℃, RH=90%,
IF=30mA
500 hrs
0/22
10
Steady State
Operating Life of Low
Temperature
Internal
Reference
Ta=-30℃, IF=60mA
1000 hrs
0/22
* LED with Luxpia standard circuit board
9.2. Criteria For Judging The Damage
Criteria For Judgement
Item
Symbol
Test Condition
Min.
Max.
Forward Voltage
VF
IF = 60mA
-
U.S.L.6) × 1.1
Luminous Intensity
IV
IF = 60mA
L.S.L.7) × 0.7
-
6) U.S.L. : Upper Standard Level
7) L.S.L. : Lower Standard Level


Similar Part No. - LGH1056_13

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LGH1000 LUXPIA-LGH1000 Datasheet
177Kb / 15P
   Colorless transparency 1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LGH1025 LUXPIA-LGH1025 Datasheet
301Kb / 15P
   Specification for Approval
LGH1032 LUXPIA-LGH1032 Datasheet
288Kb / 14P
   Specification for Approval
LGH1035 LUXPIA-LGH1035 Datasheet
221Kb / 16P
   SMD Top View Type 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LGH1035 LUXPIA-LGH1035 Datasheet
586Kb / 16P
   Specification for Approval
More results

Similar Description - LGH1056_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com