Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGH1035 Datasheet(PDF) 4 Page - LUXPIA

Part # LGH1035
Description  Specification for Approval
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LGH1035 Datasheet(HTML) 4 Page - LUXPIA

  LGH1035_13 Datasheet HTML 1Page - LUXPIA LGH1035_13 Datasheet HTML 2Page - LUXPIA LGH1035_13 Datasheet HTML 3Page - LUXPIA LGH1035_13 Datasheet HTML 4Page - LUXPIA LGH1035_13 Datasheet HTML 5Page - LUXPIA LGH1035_13 Datasheet HTML 6Page - LUXPIA LGH1035_13 Datasheet HTML 7Page - LUXPIA LGH1035_13 Datasheet HTML 8Page - LUXPIA LGH1035_13 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3/15
(Ver 1.0)
3. Absolute Maximum Ratings
(Ta=25℃)
item
symbol
value
unit
forward current
IF
30
mA
pulse forward current 1)
IFP
100
mA
reverse voltage
VR
5
V
power dissipation
PD
110
mW
operating temperature
Topr
-30 to+85
storage temperature
Tstg
-40 to +100
1) I
FP conditions : pulse width
≤ 10msec & duty ratio ≤ 1/10
4. Electro-Optical Characteristics
(Ta=25℃)
item
rank
symbol
condition
min
typ
max
unit
V28
2.8
-
3.0
V30
3.0
-
3.2
Forward
voltage 2)
V32
VF
IF= 20mA
3.2
-
3.4
V
A
520
-
525
B
525
-
530
Dominant
Wavelength 3)
C
λD
IF= 20mA
530
-
535
nm
N
600
-
850
O
850
-
1200
Luminous
intensity 4)
P
IV
IF= 20mA
1200
-
1700
mcd
reverse
current
-
IR
VR=5V
-
-
50
2) Forward voltages are tested at a current pulse duration of 10 ms and an accuracy within ±0.1V.
3) Dominant wavelength are tested at a current pulse duration of 10 ms and an accuracy within ±2nm.
4) The allowance of luminous intensity measurement is within ±10%.
* To avoid optical difference, please do not mix differently ranked product.
* All measurements were made under the standardized environment of LUXPIA.


Similar Part No. - LGH1035_13

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LGH1035 LUXPIA-LGH1035 Datasheet
221Kb / 16P
   SMD Top View Type 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results

Similar Description - LGH1035_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com