Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM1037 Datasheet(PDF) 11 Page - LUXPIA

Part # LBM1037
Description  Specification for Approval
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LBM1037 Datasheet(HTML) 11 Page - LUXPIA

Back Button LBM1037_13 Datasheet HTML 7Page - LUXPIA LBM1037_13 Datasheet HTML 8Page - LUXPIA LBM1037_13 Datasheet HTML 9Page - LUXPIA LBM1037_13 Datasheet HTML 10Page - LUXPIA LBM1037_13 Datasheet HTML 11Page - LUXPIA LBM1037_13 Datasheet HTML 12Page - LUXPIA LBM1037_13 Datasheet HTML 13Page - LUXPIA LBM1037_13 Datasheet HTML 14Page - LUXPIA LBM1037_13 Datasheet HTML 15Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10/15
(Tentative 1.0)
• Pick and Place
Recommended conditions: Outer nozzle≥Φ2.4mm
Avoid direct contact to the encapsulant with the picking nozzle.
Failure to comply might result in damage to encapsulant and in the worst cases, catastrophic failure of the
LEDs due to wire deformation and/or breakage.
• Drop
Please note that a package damage such as crack might occur when having dropped the product.


Similar Part No. - LBM1037_13

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBM1052N LUXPIA-LBM1052N Datasheet
577Kb / 16P
   Specification for Approval
LBM1052N LUXPIA-LBM1052N_13 Datasheet
577Kb / 16P
   Specification for Approval
LBM1056N LUXPIA-LBM1056N Datasheet
587Kb / 16P
   Specification for Approval
More results

Similar Description - LBM1037_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com