Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3224J-1-503E Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3224J-1-503E
Description  Featured Products Bulletin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3224J-1-503E Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3224J-1-503E Datasheet HTML 1Page - Bourns Electronic Solutions 3224J-1-503E Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bourns® Trimmer Design Kits
September 25, 2007
Page 2 of 2
Other current Trimmer Design Kits include:
H-814-2
SMD Trimmer Design Kit
3223W-1-501E
3223W-1-502E
3223W-1-103E
3223W-1-104E
3223W-1-105E
3224W-1-501E
3224G-1-502E
3224W-1-103E
3224G-1-104E
3224W-1-105E
3269W-1-501GLF
3269P-1-502GLF
3269W-1-103GLF
3269P-1-104GLF
3269W-1-105GLF
3313J-1-501E
3313J-1-502E
3313J-1-103E
3313J-1-104E
3313J-1-105E
3314J-1-501E
3314G-1-502E
3314J-1-103E
3314G-1-104E
3314J-1-105E
TC33X-2-501E
TC33X-2-502E
TC33X-2-103E
TC33X-2-104E
TC33X-2-105E
H-91
H-841
Open-Frame Trimmer Design Kit
3302W-3-103E
3303W-3-102E
TC33X-2-502E
3364W-1-503E
3306F-1-202
3306K-1-104
3306P-1-101
3306W-1-502
3352T-1-103LF
3318F-1-103
3318K-1-103
3318F-1-502A
3309P-1-204
3309W-2-101
3309W-1-502
3319P-2-103
3319P-3-203
3319W-1-503
H-840LF
Trimpot
® Design Kit
3006P-1-502LF
3214G-1-502E
3223W-1-103E
3224J-1-103E
3224W-FW5-203
3266W-1-203LF
3269W-1-502LF
3296W-1-203LF
3299W-1-503LF
3313J-1-203E
3314G-1-102E
3329H-1-102LF
3339P-1-503LF
3361P-1-103GLF
3361S-1-104GLF
3362P-1-203LF
3386W-1-103LF
3386P-1-102TLF
A link to the Trimmer Design Kits listing is provided below.
http://www.bourns.com/designkits.aspx?cmsphid=7631383|7208801|9895856
Please feel free to contact Bourns if you have any questions regarding these kits.


Similar Part No. - 3224J-1-503E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3224J-1-502 BOURNS-3224J-1-502 Datasheet
237Kb / 2P
   3224 4 mm SMD Trimpot Trimming Potentiometer
3224J-1-502 BOURNS-3224J-1-502 Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224J-1-502E BOURNS-3224J-1-502E Datasheet
237Kb / 2P
   3224 4 mm SMD Trimpot Trimming Potentiometer
3224J-1-502E BOURNS-3224J-1-502E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224J-1-502E BOURNS-3224J-1-502E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
More results

Similar Description - 3224J-1-503E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-870 BOURNS-H-870 Datasheet
106Kb / 1P
   Featured Products Bulletin
logo
Motorola, Inc
EB346 MOTOROLA-EB346 Datasheet
246Kb / 6P
   Semiconductor Products Sector Engineering Bulletin
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
M/A-COM Technology Solu...
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com