Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4731 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4731
Description  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4731 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4731 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Small-Outline SO-8 Package (HCPL-070A, HCPL-073A)
XXX
YWW
8765
4
3
2
1
5.994 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.406 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSC
* 5.080 ± 0.127
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45° X
0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
TYPE NUMBER
(LAST 3 DIGITS)
DATE CODE
0.305
(0.012)
MIN.
* TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207 ± 0.254 (0.205 ± 0.010)
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
0.203 ± 0.102
(0.008 ± 0.004)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
7.49 (0.295)
1.9 (0.075)
0.64 (0.025)
LAND PATTERN RECOMMENDATION
PIN ONE
Solder Reflow Thermal Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
Figure 1a. Solder Reflow Thermal Profile.
Note: Non-halide flux should be used.


Similar Part No. - HCPL-4731

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4731 HP-HCPL-4731 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
HCPL-4731 HP-HCPL-4731 Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4731 AVAGO-HCPL-4731 Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-4731 BOARDCOM-HCPL-4731 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - HCPL-4731

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com