Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2400 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2400
Description  20 MBd High CMR Logic Gate Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2400 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2400 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2400 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Switching Specifications
0°C ≤ T
A ≤ 70°C, 4.75 V ≤ VCC ≤ 5.25 V, 4 mA ≤ IF(ON) ≤ 8 mA, 0 V ≤ VF(OFF) ≤ 0.8 V. All typicals at TA = 25°C, VCC = 5 V,
I
F(ON) = 6.0 mA, VF(OFF) = 0 V, except where noted. See Note 11.
Device
Parameter
Symbol
HCPL-
Min.
Typ.*
Max.
Units
Test Conditions
Figure
Note
Propagation Delay
t
PHL
55
ns
I
F(ON) = 7 mA
5, 6, 7
1, 4,
Time to Logic Low
5, 6
Output Level
15
33
60
Propagation Delay
t
PLH
55
ns
I
F(ON) = 7 mA
5, 6, 7
1, 4,
Time to Logic High
5, 6
Output Level
15
30
60
Pulse Width
|t
PHL-tPLH|
2
15
ns
I
F(ON) = 7 mA
5, 8
6
Distortion
5
25
Propagation Delay
t
PSK
35
ns
Per Notes & Text
15, 16
7
Skew
Output Rise Time
t
r
20
ns
5
Output Fall Time
t
f
10
ns
5
Output Enable Time
t
PZH
2400
15
ns
9, 10
to Logic High
Output Enable Time
t
PZL
2400
30
ns
9, 10
to Logic Low
Output Disable Time
t
PHZ
2400
20
ns
9, 10
from Logic High
Output Disable Time
t
PLZ
2400
15
ns
9, 10
from Logic Low
Logic High Common
|CM
H|
1000 10,000
V/µs
V
CM = 300 V, TA = 25°C,
11
9
Mode Transient
I
F = 0 mA
Immunity
Logic Low Common
|CM
L|
1000 10,000
V/µs
V
CM = 300 V, TA = 25°C,
11
9
Mode Transient
I
F = 4 mA
Immunity
Power Supply Noise
PSNI
0.5
V
p-p
V
CC = 5.0 V,
10
Immunity
48 Hz ≤ = F
AC ≤50 MHz
*All typical values at T
A = 25°C and VCC = 5 V, unless otherwise noted.


Similar Part No. - HCPL-2400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-2400 BOARDCOM-HCPL-2400 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400-000E AVAGO-HCPL-2400-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400-060E AVAGO-HCPL-2400-060E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
More results

Similar Description - HCPL-2400

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com