Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-2430-300 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HCPL-2430-300
Description  20 MBd High CMR Logic Gate Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2430-300 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2430-300 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2430-300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Regulatory Information
The HCPL-24XX has been approved by the following organizations:
Solder Reflow Thermal Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
Recommended Pb-Free IR Profile
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
Note: Non-halide flux should be used.
Note: Non-halide flux should be used.
VDE
Approved according to VDE 0884/06.92 (Option 060
only).
UL
Recognized under UL 1577, Component Recognition
Program, File E55361.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01.
(Option 060 only)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn