Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP02FP Datasheet(PDF) 9 Page - Analog Devices

Part # AMP02FP
Description  High Accuracy Instrumentation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FP Datasheet(HTML) 9 Page - Analog Devices

Back Button AMP02FP Datasheet HTML 4Page - Analog Devices AMP02FP Datasheet HTML 5Page - Analog Devices AMP02FP Datasheet HTML 6Page - Analog Devices AMP02FP Datasheet HTML 7Page - Analog Devices AMP02FP Datasheet HTML 8Page - Analog Devices AMP02FP Datasheet HTML 9Page - Analog Devices AMP02FP Datasheet HTML 10Page - Analog Devices AMP02FP Datasheet HTML 11Page - Analog Devices AMP02FP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. E
AMP02
–9–
25k
V2
R
25k
25k
V1
R
25k
RG
RG2
RG1
+IN
–IN
25k
25k
SENSE
(SOIC-16 ONLY)
OUT
REFERENCE
3
8
1
2
5
6
Figure 4. Triple Op Amp Topology
Grounding
The majority of instruments and data acquisition systems have
separate grounds for analog and digital signals. Analog ground may
also be divided into two or more grounds that will be tied together
at one point, usually at the analog power supply ground. In
addition, the digital and analog grounds may be joined—normally
at the analog ground pin on the A/D converter. Following this
basic practice is essential for good circuit performance.
Mixing grounds causes interactions between digital circuits and the
analog signals. Since the ground returns have finite resistance
and inductance, hundreds of millivolts can be developed between
the system ground and the data acquisition components. Using
separate ground returns minimizes the current flow in the sensitive
analog return path to the system ground point. Consequently, noisy
ground currents from logic gates interact with the analog signals.
Inevitably, two or more circuits will be joined together with
their grounds at differential potentials. In these situations, the
differential input of an instrumentation amplifier, with its high
CMR, can accurately transfer analog information from one
circuit to another.
Sense and Reference Terminals
The sense terminal completes the feedback path for the instrumen-
tation amplifier output stage and is internally connected directly
to the output. For SOIC devices, connect the sense terminal to
the output. The output signal is specified with respect to the refer-
ence terminal, which is normally connected to analog ground.
The reference may also be used for offset correction level shift-
ing. A reference source resistance will reduce the common-mode
rejection by the ratio of 25 k
Ω/R
REF. If the reference source resis-
tance is 1
Ω, the CMR will be reduced 88 dB (25 kΩ/1 Ω = 88 dB).
Figure 4 shows the triple op amp configuration of the AMP02.
With all instrumentation amplifiers of this type, it is critical not
to exceed the dynamic range of the input amplifiers. The ampli-
fied differential input signal and the input common-mode volt-
age must not force the amplifier’s output voltage beyond
±12 V
(VS =
±15 V) or nonlinear operation will result.
The input stage amplifier’s output voltages at V1 and V2 equal:
V
R
R
V
V
G
V
V
V
R
R
V
V
G
V
V
G
D
CM
D
CM
G
D
CM
D
CM
1
2
1
2
2
2
1
2
2
2
=+


+
=+
=+


+
=+
where:
VD
= Differential input voltage
= (+IN) – (–IN)
VCM = Common-mode input voltage
G
= Gain of instrumentation amplifier
If V1 and V2 can equal
±12 V maximum, the common-mode
input voltage range is:
CMVR
V
GV
D


12
2


Similar Part No. - AMP02FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02FP AD-AMP02FP Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AMP02FP AD-AMP02FP Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
More results

Similar Description - AMP02FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
   High Accuracy Instrumentation Amplifier
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
   Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com