Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF516 Datasheet(PDF) 60 Page - Analog Devices

Part # BF516
Description  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BF516 Datasheet(HTML) 60 Page - Analog Devices

Back Button BF516 Datasheet HTML 56Page - Analog Devices BF516 Datasheet HTML 57Page - Analog Devices BF516 Datasheet HTML 58Page - Analog Devices BF516 Datasheet HTML 59Page - Analog Devices BF516 Datasheet HTML 60Page - Analog Devices BF516 Datasheet HTML 61Page - Analog Devices BF516 Datasheet HTML 62Page - Analog Devices BF516 Datasheet HTML 63Page - Analog Devices BF516 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Rev. B
|
Page 60 of 68
|
January 2011
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
168-BALL CSP_BGA BALL ASSIGNMENT
Table 54 lists the CSP_BGA by ball number. Table 55 on
Page 61 lists the CSP_BGA balls by signal mnemonic.
Table 54. 168-Ball CSP_BGA Ball Assignment (Numerical by Ball Number)
Ball No. Signal Name Ball No. Signal Name Ball No. Signal Name Ball No. Signal Name Ball No. Signal Name Ball No. Signal Name
A1
GND
C1
PF4
E10
VDDINT
H1
PG12
K6
VDDMEM
N1
BMODE1
A2
SCL
C2
PF7
E12
VDDMEM
H2
PG13
K7
VDDMEM
N2
PG1
A3
SDA
C3
PF8
E13
ARE
H3
PG11
K8
VDDMEM
N3
TDO
A4
PF13
C4
PF10
E14
AWE
H5
VDDEXT
K9
VDDMEM
N4
TRST
A5
PF15
C5
VDDEXT
F1
PF0
H6
GND
K10
VDDMEM
N5
TMS
A6
PH2
C6
VDDEXT
F2
PF1
H7
GND
K12
A8
N6
D13
A7
PH1
C7
PF11
F3
VDDINT
H8
GND
K13
A2
N7
D9
A8
PH5
C8
VDDEXT
F5
VDDEXT
H9
GND
K14
A1
N8
D5
A9
PH6
C9
VDDINT
F6
GND
H10
VDDINT
L1
PG5
N9
D1
A10
PH7
C10
VDDEXT
F7
GND
H12
A3
L2
PG3
N10
A18
A11
CLKBUF
C11
RTXI
F8
GND
H13
ABE0L3
PG2
N11
A16
A12
XTAL
C12
RTXO
F9
GND
H14
SCAS
L12
A9
N12
A14
A13
CLKIN
C13
PG
F10
VDDINT
J1
PG10
L13
A6
N13
A11
A14
GND
C14
NC
1
F12
SMS
J2
VDDFLASH
L14
A4
N14
A7
B1
VDDOTP
D1
PF3
F13
SCKE
J3
PG9
M1
PG4
P1
GND
B2
GND
D2
PF5
F14
AMS1J5
VDDMEM
M2
BMODE2
P2
TDI
B3
PF9
D3
VPPOTP
G1
PG15
J6
GND
M3
BMODE0
P3
TCK
B4
PF12
D12
VDDFLASH
G2
PG14
J7
GND
M4
PG0
P4
D15
B5
PF14
D13
CLKOUT
G3
VDDINT
J8
GND
M5
EMU
P5
D14
B6
PH0
D14
AMS0G5
VDDEXT
J9
GND
M6
D12
P6
D11
B7
PH3
E1
VDDFLASH
G6
GND
J10
VDDINT
M7
D10
P7
D8
B8
PH4
E2
PF2
G7
GND
J12
A15
M8
D2
P8
D7
B9
VDDEXT
E3
PF6
G8
GND
J13
ABE1M9
D0
P9
D6
B10
RESET
E5
VDDEXT
G9
GND
J14
SA10
M10
A17
P10
D4
B11
NMI
E6
VDDEXT
G10
VDDINT
K1
PG6
M11
A13
P11
D3
B12
VDDRTC
E7
VDDINT
G12
SWE
K2
PG8
M12
A12
P12
A19
B13
VDDEXT
E8
VDDINT
G13
SRAS
K3
PG7
M13
A10
P13
GND
B14
EXT_WAKE
E9
VDDINT
G14
GND
K5
VDDMEM
M14
A5
P14
GND
1 This pin must not be connected.


Similar Part No. - BF516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BF516 AD-BF516 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
BF516F AD-BF516F Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results

Similar Description - BF516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com