Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2185NBCA-320 Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-2185NBCA-320
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2185NBCA-320 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-2185NBCA-320 Datasheet HTML 19Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 20Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 21Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 22Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 23Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 24Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 25Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 26Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
ADSP-218xN
Rev. A
|
Page 23 of 48
|
August 2006
ABSOLUTE MAXIMUM RATINGS
ESD SENSITIVITY
IDD
Supply Current (Idle)9
@ VDDINT = 1.9 V,
tCK = 12.5 ns,
TAMB = 25°C
6.5
mA
IDD
Supply Current (Dynamic)
10
@ VDDINT = 1.9 V,
tCK = 12.5 ns
11,
TAMB = 25°C
26
mA
IDD
Supply Current (Power-Down)
12
@ VDDINT = 1.8 V,
TAMB = 25°C
in Lowest Power Mode
100
μA
CI
Input Pin Capacitance3, 6
@ VIN = 1.8 V,
fIN = 1.0 MHz,
TAMB = 25°C
8pF
CO
Output Pin Capacitance
6, 7, 12, 13
@ VIN = 1.8 V,
fIN = 1.0 MHz,
TAMB = 25°C
8pF
1 Specifications subject to change without notice.
2 Bidirectional pins: D23–0, RFS0, RFS1, SCLK0, SCLK1, TFS0, TFS1, A13–1, PF7–0.
3 Input only pins: CLKIN, RESET, BR, DR0, DR1, PWD.
4 Output pins: BG, PMS, DMS, BMS, IOMS, CMS, RD, WR, PWDACK, A0, DT0, DT1, CLKOUT, FL2–FL0, BGH.
5 Although specified for TTL outputs, all ADSP-218xN outputs are CMOS-compatible and will drive to VDDEXT and GND, assuming no dc loads.
6 Guaranteed but not tested.
7 Three-statable pins: A13–A1, D23–D0, PMS, DMS, BMS, IOMS, CMS, RD, WR, DT0, DT1, SCLK0, SCLK1, TFS0, TFS1, RFS0, RFS1, PF7–PF0.
8 0 V on BR.
9 Idle refers to ADSP-218xN state of operation during execution of IDLE instruction. Deasserted pins are driven to either V
DD or GND.
10IDD measurement taken with all instructions executing from internal memory. 50% of the instructions are multifunction (Types 1, 4, 5, 12, 13, 14), 30% are Type 2 and Type
6, and 20% are idle instructions.
11VIN = 0 V and 3 V. For typical values for supply currents, refer to Power Dissipation section.
12See ADSP-218x DSP Hardware Reference for details.
13Output pin capacitance is the capacitive load for any three-stated output pin.
Parameter
1
Description
Test Conditions
Min
Typ
Max
Unit
Parameter
Rating
Internal Supply Voltage (VDDINT)
1
1 Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only. Functional operation of the device at these
or any other conditions greater than those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
– 0.3 V to +2.2 V
External Supply Voltage (VDDEXT)–0.3 V to +4.0 V
Input Voltage2
2 Applies to Bidirectional pins (D23–0, RFS0, RFS1, SCLK0, SCLK1, TFS0, TFS1,
A13–1, PF7–0) and Input only pins (CLKIN, RESET, BR, DR0, DR1, PWD).
– 0.5 V to +4.0 V
Output Voltage Swing
3
3 Applies to Output pins (BG, PMS, DMS, BMS, IOMS, CMS, RD, WR, PWDACK,
A0, DT0, DT1, CLKOUT, FL2–0, BGH).
–0.5 V to VDDEXT +0.5 V
Operating Temperature Range
– 40°C to +85°C
Storage Temperature Range
– 65°C to +150°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADSP-218xN features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.


Similar Part No. - ADSP-2185NBCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 45P
   DSP Microcomputer
REV. 0
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2185NBCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com