Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4663BRZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADN4663BRZ
Description  Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4663BRZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN4663BRZ Datasheet HTML 4Page - Analog Devices ADN4663BRZ Datasheet HTML 5Page - Analog Devices ADN4663BRZ Datasheet HTML 6Page - Analog Devices ADN4663BRZ Datasheet HTML 7Page - Analog Devices ADN4663BRZ Datasheet HTML 8Page - Analog Devices ADN4663BRZ Datasheet HTML 9Page - Analog Devices ADN4663BRZ Datasheet HTML 10Page - Analog Devices ADN4663BRZ Datasheet HTML 11Page - Analog Devices ADN4663BRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADN4663
Rev. 0 | Page 9 of 12
7
9
11
13
15
17
19
5
0.01
0.1
1
10
100
1k
SWITCHING FREQUENCY (MHz)
TA = 25°C
CL = 15pF
VCC = 3.3V
VIN = 0V TO 3.3V
RL = 100Ω PER DRIVER
BOTH CHANNELS SWITCHING
ONE CHANNEL SWITCHING
Figure 12. Power Supply Current vs. Switching Frequency
12.5
11.5
10.5
11.0
12.0
10.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
f = 1MHz
CL = 15pF
VIN = 0V TO 3.3V
RL = 100Ω PER DRIVER
Figure 13. Power Supply Current vs. Power Supply Voltage
15
11
12
13
14
10
–40
–15
10
35
60
85
TEMPERATURE (°C)
VCC = 3.3V
f = 1MHz
CL = 15pF
VIN = 0V TO 3V
RL = 100Ω PER DRIVER
Figure 14. Power Supply Current vs. Ambient Temperature
1200
1000
1100
900
3.0
3.1
3.2
3.3
3.4
3.5
3.6
POWER SUPPLY VOLTAGE, VCC (V)
tPHLD
tPLHD
TA = 25°C
f = 1MHz
CL = 15pF
RL = 100Ω PER DRIVER
Figure 15. Differential Propagation Delay vs. Power Supply Voltage
1200
1000
1100
900
AMBIENT TEMPERATURE, TA (°C)
tPHLD
tPLHD
–40
–200
20406080
100
VCC = 3.3V
f = 1MHz
CL = 15pF
RL = 100Ω PER DRIVER
Figure 16. Differential Propagation Delay vs. Ambient Temperature
100
20
40
60
80
0
3.03.13.23.33.43.53.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
f = 1MHz
CL = 15pF
RL = 100Ω PER DRIVER
Figure 17. Differential Skew vs. Power Supply Voltage


Similar Part No. - ADN4663BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ-REEL7 AD-ADN4663BRZ-REEL7 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ-REEL7 AD-ADN4663BRZ-REEL7 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
More results

Similar Description - ADN4663BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
logo
National Semiconductor ...
DS90LV027A NSC-DS90LV027A Datasheet
638Kb / 8P
   LVDS Dual High Speed Differential Driver
DS90LV027 NSC-DS90LV027 Datasheet
483Kb / 4P
   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com