Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402CS-1N2XJL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402CS-1N2XJL
Description  Chip Inductors ??0402CS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402CS-1N2XJL Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402CS-1N2XJL Datasheet HTML 1Page - Coilcraft lnc. 0402CS-1N2XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ChipInductors–0402CS(1005)
Document 198-1
Document 198-1 Revised 05/03/13
Typical L vs Frequency
Typical Q vs Frequency
0
10
20
30
40
50
60
110
100
1000
10000
Frequency (MHz)
27 nH
56 nH
19 nH
12 nH
5.6 nH
1 nH
0
60
50
40
30
20
10
70
80
90
100
110
120
110
100
1000
10000
Frequency (MHz)
12 nH
19 nH
5.6 nH
27 nH
1 nH
56 nH
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
A
B
C
D
max max max
ref
E
F
G
H
I
J
0.047 0.025 0.026 0.010 0.020 0.009 0.022 0.026 0.014 0.018 inches
1,19
0,64
0,66
0,25
0,51
0,23
0,56
0,66
0,36
0,46 mm
A
B
overall
C
D
J
F
F
G
H
Recommended
Land Pattern
E
terminal
Terminal wraparound:
approx 0.007/0,18 both ends
I
I
Pick and
place
material
Irms Derating
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 0.8 – 1.0 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C to
+140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 or 5000 per 7
″ reel Paper tape: 8 mm wide,
1.68 mm thick, 2 mm pocket spacing
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
Continuing in our long tradition of innovation and lead-
ership, Coilcraft introduced the industry’s first 0402
wirewound inductor.
This series shares all of the characteristics of Coilcraft’s
other ceramic inductors: exceptionally high Q factors,
especially at use frequencies; outstanding self-resonant
frequency; tight inductance tolerance; and excellent
batch-to-batch consistency.


Similar Part No. - 0402CS-1N2XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-1N2XJL COILCRAFT-0402CS-1N2XJL Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-1N2XJLQ COILCRAFT-0402CS-1N2XJLQ Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-1N2XJLU COILCRAFT-0402CS-1N2XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
0402CS-1N2XJLU COILCRAFT-0402CS-1N2XJLU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
logo
Integrated Device Techn...
0402CS-1N2XJLU IDT-0402CS-1N2XJLU Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - 0402CS-1N2XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com