Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV116B Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV116B
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV116B Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV116B Datasheet HTML 7Page - Advanced Micro Devices AM29LV116B Datasheet HTML 8Page - Advanced Micro Devices AM29LV116B Datasheet HTML 9Page - Advanced Micro Devices AM29LV116B Datasheet HTML 10Page - Advanced Micro Devices AM29LV116B Datasheet HTML 11Page - Advanced Micro Devices AM29LV116B Datasheet HTML 12Page - Advanced Micro Devices AM29LV116B Datasheet HTML 13Page - Advanced Micro Devices AM29LV116B Datasheet HTML 14Page - Advanced Micro Devices AM29LV116B Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
Am29LV116B
PREL I M I N AR Y
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 4. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Tables 2 and 3). Table
4 shows the remaining address bits that are don’t care.
When all necessary bits have been set as required, the
programming equipment may then read the corre-
sponding identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 9. This method
does not require VID. See “Command Definitions” for
details on using the autoselect mode.
Table 4.
Am29LV116B Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both pro-
gram and erase operations in previously protected
sectors. Sector protection/unprotection can be imple-
mented via two methods.
The primary method requires VID on the RESET# pin
only, and can be implemented either in-system or via
programming equipment. Figure 1 shows the algo-
rithms and Figure 21 shows the timing diagram. This
method uses standard microprocessor bus cycle tim-
ing. For sector unprotect, all unprotected sectors must
first be protected prior to the first sector unprotect write
cycle.
The alternate method intended only for programming
equipment requires VID on address pin A9 and OE#.
This method is compatible with programmer routines
written for earlier 3.0 volt-only AMD flash devices. Pub-
lication number 21586 contains further details; contact
an AMD representative to request a copy.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is protected
or unprotected. See “Autoselect Mode” for details.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RE-
SET# pin to VID. During this mode, formerly protected
sectors can be programmed or erased by selecting the
sector addresses. Once VID is removed from the RE-
SET# pin, all the previously protected sectors are
protected again. Figure 2 shows the algorithm, and
Figure 20 shows the timing diagrams, for this feature.
Description
CE#
OE#
WE#
A20
to
A13
A12
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
X
LXL
L
01h
Device ID: Am29LV116B
(Top Boot Block)
LL
H
X
X
VID
X
LXL
H
C7h
Device ID: Am29LV116B
(Bottom Boot Block)
LL
H
X
X
VID
X
LXL
H
4Ch
Sector Protection Verification
L
L
H
SA
X
VID
XL
X
H
L
01h
(protected)
00h
(unprotected)


Similar Part No. - AM29LV116B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV116D AMD-AM29LV116D Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120 AMD-AM29LV116DB-120 Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120EC AMD-AM29LV116DB-120EC Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120EC AMD-AM29LV116DB-120EC Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120ED AMD-AM29LV116DB-120ED Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV116B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116D AMD-AM29LV116D_06 Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com