Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM28F020A-90PE Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM28F020A-90PE
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020A-90PE Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM28F020A-90PE Datasheet HTML 3Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 4Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 5Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 6Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 7Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 8Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 9Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 10Page - Advanced Micro Devices AM28F020A-90PE Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Am28F020A
7
PIN DESCRIPTION
A0–A17
Address Inputs for memory locations. Internal latches
hold addresses during write cycles.
CE# (E#)
Chip Enable active low input activates the chip’s control
logic and input buffers. Chip Enable high will deselect
the device and operates the chip in stand-by mode.
DQ0–DQ7
Data Inputs during memory write cycles. Internal
latches hold data during write cycles. Data Outputs
during memory read cycles.
NC
No Connect-corresponding pin is not connected inter-
nally to the die.
OE# (G#)
Output Enable active low input gates the outputs of
the device through the data buffers during memory
read cycles. Output Enable is high during command
sequencing and program/erase operations.
VPP
Program voltage input. VPP must be at high voltage in
order to write to the command register. The command
register controls all functions required to alter the mem-
ory array contents. Memory contents cannot be altered
when VPP ≤ VCC +2 V.
VCC
Power supply for device operation. (5.0 V
± 5% or 10%)
VSS
Ground.
WE# (W#)
Write Enable active low input controls the write function
of the command register to the memory array. The tar-
get address is latched on the falling edge of the Write
Enable pulse and the appropriate data is latched on the
rising edge of the pulse. Write Enable high inhibits writ-
ing to the device.


Similar Part No. - AM28F020A-90PE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020-120EC AMD-AM28F020-120EC Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020-120ECB AMD-AM28F020-120ECB Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020-120EE AMD-AM28F020-120EE Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020-120EEB AMD-AM28F020-120EEB Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
More results

Similar Description - AM28F020A-90PE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com