Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM28F020-120PE Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM28F020-120PE
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020-120PE Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM28F020-120PE Datasheet HTML 7Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 8Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 9Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 10Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 11Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 12Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 13Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 14Page - Advanced Micro Devices AM28F020-120PE Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Am28F020
11
FLASHERASE ERASE SEQUENCE
Erase Setup
Erase Setup is the first of a two-cycle erase command.
It is a command-only operation that stages the device
for bulk chip erase. The array contents are not altered
with this command. 20h is written to the command reg-
ister in order to perform the Erase Setup operation.
Erase
The second two-cycle erase command initiates the
bulk erase operation. You must write the Erase com-
mand (20h) again to the register. The erase operation
begins with the rising edge of the WE# pulse. The
erase operation must be terminated by writing a new
command (Erase-verify) to the register.
This two step sequence of the Setup and Erase com-
mands helps to ensure that memory contents are not
accidentally erased. Also, chip erasure can only occur
when high voltage is applied to the VPP pin and all con-
trol pins are in their proper state. In absence of this high
voltage, memory contents cannot be altered. Refer to
AC Erase Characteristics and Waveforms for specific
timing parameters.
Note: The Flash memory device must be fully
programmed to 00h data prior to erasure. This
equalizes the charge on all memory cells ensuring
reliable erasure.
Erase-Verify Command
The erase operation erases all bytes of the array
in parallel. After the erase operation, all bytes must be
sequentially verified. The Erase-verify operation is initi-
ated by writing A0h to the register. The byte address to
be verified must be supplied with the command. Ad-
dresses are latched on the falling edge of the WE#
pulse or CE# pulse, whichever occurs later. The rising
edge of the WE# pulse terminates the erase operation.
Margin Verify
During the Erase-verify operation, the device applies
an i n ter nally generated margin vo l tage to the
addressed byte. Reading FFh from the addressed byte
indicates that all bits in the byte are properly erased.
Verify Next Address
You must write the Erase-verify command with the ap-
propriate address to the register prior to verification of
each address. Each new address is latched on the fall-
ing edge of WE# or CE# pulse, whichever occurs later.
The process continues for each byte in the memory
array until a byte does not return FFh data or all the
bytes in the array are accessed and verified.
If an address is not verified to FFh data, the entire chip
is erased again (refer to Erase Setup/Erase). Erase
verification then resumes at the address that failed to
verify. Erase is complete when all bytes in the array
have been verified. The device is now ready to be pro-
grammed. At this point, the verification operation is ter-
minated by writing a valid command (e.g. Program
Setup) to the command register. Figure 1 and Table 4,
the Flasherase electrical erase algorithm, illustrate how
commands and bus operations are combined to per-
form electrical erasure. Refer to AC Erase Characteris-
tics and Waveforms for specific timing parameters.


Similar Part No. - AM28F020-120PE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120EC AMD-AM28F020A-120EC Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120ECB AMD-AM28F020A-120ECB Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120EE AMD-AM28F020A-120EE Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120EEB AMD-AM28F020A-120EEB Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results

Similar Description - AM28F020-120PE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com