Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3T-ST11 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3T-ST11
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST11 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3T-ST11 Datasheet HTML 9Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 10Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 11Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 12Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 13Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 14Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 15Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 16Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
E3T
13
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons. Do not use it for such purpose.
Do not apply AC power to the E3T, otherwise the E3T
may rupture.
Do not use the product in atmospheres or environments that exceed
product ratings.
● Wiring
The maximum power supply voltage is 26.4 VDC. Before turning the
power ON, make sure that the power supply voltage be not more than
maximum voltage.
Load short-circuit protection
The E3T incorporates a load short-circuit protection function. If the
load short-circuits, the output of the E3T will be turned OFF. Then,
recheck the wiring and turn on the E3T again to reset the load short-
circuit protection function. The load short-circuit protection function
will work if there is a current flow that is 1.5 times larger than the rated
load current. When using a capacitance load, be sure that the inrush
current will not exceed 1.5 times larger than the rated current.
● Mounting
When mounting the Sensor, never strike it with a heavy object, such
as a hammer. Doing so may reduce its watertight properties. Use
screws with spring, flat, or toothed washers to secure the Sensor.
Tightening Torque
M2-mounting Sensors: 0.15 N·m max
M3-mounting Sensors: 0.5 N·m max
Small Cylindrical Sensors: 1 N·m max
Mounting the Sensor on Moving Parts
Consider models that use break
resistant cables (e.g., Robotics
Cables) if the Sensor will be
mounted on a moving part, such as a
robot hand. The flexing resistance of
Robotics Cable at approximately 400
thousand times is far superior to that
of standard cable at approximately
14 thousand times.
Cable Bending Rupture Test
(Tough Cable Breaking Test)
The cable is repeatedly bent with
power supplied to check the number
of bends until the current is turned
OFF.
● Adjusting
Indicators
• The following graphs indicate the status of each operating level.
• Be sure to use the E3T within the stable operating range.
Use of E39-E10 Sensitivity Adjustment Unit
(Dark-ON: E3T-ST12)
1. Mount the Unit on the Receiver.
2. Set the adjuster of the Sensitivity Adjustment Unit to Max.
(Before shipping: Max.)
3. After mounting on the Sensor, adjust the optical axis and secure the
Sensor.
4. Place a workpiece between the Emitter and Receiver and gradually
turn the adjuster counterclockwise toward the Min. side. Stop
turning the adjuster when the operation indicator and stability
indicator (green) turn ON.
5. Remove the workpiece and confirm that the operation indicator is
OFF and the stability indicator (green) is ON. This completes the
adjustment.
Note: If the light attenuation rate due to a workpiece is 40% or less, the stability
indicator will not turn ON whether or not light is received. When the
variation of light is small such as when sensing semi-transparent
workpieces, carefully perform preliminary testing.
E3T-CD
@@ Sensitivity Adjustment
Use the special screwdriver that is provided with the Sensor to adjust
the sensitivity. Do not exceed 0.8 N·m when turning the adjuster.
● Others
Do not install the E3T in the following locations.
• Locations subject to excessive dust or dirt
• Locations subject to direct sunlight
• Locations subject to corrosive gas
• Locations subject to contact with organic solvents
• Locations subject to vibration and shock
• Locations subject to contact with water, oil, or chemicals
• Locations subject to high humidities that might result in
condensation
WARNING
Precautions for Correct Use
Specimen
Standard cable
2.4-mm dia.
(7/0.127-mm dia.),
3 conductors
Robotics cable
2.4-mm dia.
(20/0.08-mm dia.),
3 conductors
Test
Con-
tents/
condi-
tions
Bending angle (
θ)
90
° each to the left and right
Bending speed
50 times/min
Load
200 g
Operation per bend
Once in 1 to 3 in the diagram
Curvature radius of
support point (R)
5 mm
Result
Approx. 14,000 times
Approx. 400,000 times
θ
θ
Weight
R
A
C
B
Stable
operation
range*
Unstable
operation
range*
Stable
operation
range*
Operating
level x 1.2
Operating
level
Operating
level x 0.8
ON
ON
ON
ON
OFF
OFF
OFF
Stability
indicator
(green)
Operation indicator (orange)
E3T-
@@@1
E3T-
@@@3
E3T-
@@@2
E3T-
@@@4
* If the E3T fs operating level is set to the stable operation range, the
E3T will be in most reliable operation without being influenced by
temperature change, voltage fluctuation, dust, or setting change. If
the operating level cannot be set to the stable operation range, pay
attention to environmental changes while operating the E3T.
Indicator
Adjuster
(At Min)
(At Center)
(At Max.)


Similar Part No. - E3T-ST11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-ST11 OMRON-E3T-ST11 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST11 OMRON-E3T-ST11 Datasheet
846Kb / 16P
   Subminiature Photoelectric Sensor
E3T-ST112M OMRON-E3T-ST112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST112M OMRON-E3T-ST112M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-ST11M2M OMRON-E3T-ST11M2M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-ST11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com