Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM28F020-70PE Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM28F020-70PE
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020-70PE Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM28F020-70PE Datasheet HTML 1Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 2Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 3Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 4Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 5Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 6Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 7Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 8Page - Advanced Micro Devices AM28F020-70PE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
FINAL
Publication# 14727
Rev: F Amendment/+2
Issue Date: January 1998
Am28F020
2 Megabit (256 K x 8-Bit)
CMOS 12.0 Volt, Bulk Erase Flash Memory
DISTINCTIVE CHARACTERISTICS
s High performance
— Access times as fast as 70 ns
s CMOS low power consumption
— 30 mA maximum active current
— 100 µA maximum standby current
— No data retention power consumption
s Compatible with JEDEC-standard byte-wide
32-pin EPROM pinouts
— 32-pin PDIP
— 32-pin PLCC
— 32-pin TSOP
s 10,000 write/erase cycles minimum
s Write and erase voltage 12.0 V
±5%
s Latch-up protected to 100 mA from
–1 V to VCC +1 V
s Flasherase Electrical Bulk Chip Erase
— One second typical chip erase time
s Flashrite Programming
— 10 µs typical byte program time
— 4 s typical chip program time
s Command register architecture for
microprocessor/microcontroller compatible
write interface
s On-chip address and data latches
s Advanced CMOS flash memory technology
— Low cost single transistor memory cell
s Automatic write/erase pulse stop timer
GENERAL DESCRIPTION
The Am28F020 is a 2 Megabit Flash memory orga-
nized as 256 Kbytes of 8 bits each. AMD’s Flash mem-
ories offer the most cost-effective and reliable read/
write no n-volat ile ran dom access memor y. Th e
Am28F020 is packaged in 32-pin PDIP, PLCC, and
TSOP versions. It is designed to be reprogrammed and
erased in-system or in standard EPROM programmers.
Th e Am 28F 020 i s eras ed w hen s h ip ped from
the factory.
The standard Am28F020 offers access times of as fast
as 70 ns, allowing high speed microprocessors to
operate without wait states. To eliminate bus conten-
tion, the device has separate chip enable (CE#) and
output enable (OE#) controls.
AMD’s Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
Am28F020 uses a command register to manage this
functionality, while maintaining a JEDEC-standard 32-
pin pinout. The command register allows for 100% TTL
level control inputs and fixed power supply levels during
erase and programming, while maintaining maximum
EPROM compatibility.
AMD’s Flash technology reliably stores memory con-
tents even after 10,000 erase and program cycles. The
AMD cell is designed to optimize the erase and pro-
gramming mechanisms. In addition, the combination of
advanced tunnel oxide processing and low internal
electric fields for erase and programming operations
produces reliable cycling. The Am28F020 uses a
12.0
±5% V
PP supply input to perform the Flasherase
and Flashrite functions.
The highest degree of latch-up protection is achieved
with AMD’s proprietary non-epi process. Latch-up pro-
tection is provided for stresses up to 100 mA on
address and data pins from –1 V to VCC +1 V.
The Am28F020 is byte programmable using 10 µs
pro gramming pu lse s in acco rdance with AMD’s
Flashrite programming algorithm. The typical room
temperature programming time of the Am28F020 is
four seconds. The entire chip is bulk erased using 10
ms erase pulses according to AMD’s Flasherase
algorithm. Typical erasure at room temperature is
accomplished in less than one second. The windowed
package and the 15–20 minutes required for EPROM
erasure using ultraviolet light are eliminated.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state-machine, which
controls the erase and programming circuitry. During
write cycles, the command register internally latches


Similar Part No. - AM28F020-70PE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120EC AMD-AM28F020A-120EC Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120ECB AMD-AM28F020A-120ECB Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120EE AMD-AM28F020A-120EE Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020A-120EEB AMD-AM28F020A-120EEB Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results

Similar Description - AM28F020-70PE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com