Electronic Components Datasheet Search |
|
CC1812JFNPOCBN103 Datasheet(PDF) 5 Page - YAGEO Corporation |
|
CC1812JFNPOCBN103 Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 15 page High-Voltage NP0 /X7R 1 KV to 3 KV www.yageo.com Dec. 19, 2012 V.6 Surface-Mount Ceramic Multilayer Capacitors 5 15 Product specification CONSTRUCTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (NiSn). The terminations are lead-free. A cross section of the structure is shown in Fig.1. MLB457 terminations electrodes ceramic material Fig. 1 Surface mounted multilayer ceramic capacitor construction L2 / L3 (mm) L4 (mm) TYPE L1 (mm) W (mm) T (MM) min. max. min. 0805 2.0 ±0.20 1.25 ±0.20 0.25 0.75 0.55 1206 3.2 ±0.30 1.6 ±0.20 0.25 0.75 1.40 1210 3.2 ±0.30 2.5 ±0.20 0.25 0.75 1.40 1808 4.5 ±0.40 2.0 ±0.30 0.25 0.75 2.20 1812 4.5 ±0.40 3.2 ±0.20 Refer to table 2 to 4 0.25 0.75 2.20 Table 1 For outlines see fig. 2 DIMENSION MBB211 T L 4 L 1 L 2 L 3 W O OU UT TL LIIN NE ES S For dimension see Table 1 Fig. 2 Surface mounted multilayer ceramic capacitor dimension |
Similar Part No. - CC1812JFNPOCBN103 |
|
Similar Description - CC1812JFNPOCBN103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |