Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAB952 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CAB952
Description  Taoglas Cable Assembly N Type Jack with O-Ring to 3000mm (9.84) RG-316 to SMA(M)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CAB952 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CAB952 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB952 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB952 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB952 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB952 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-13-8-056/A/WY |
page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
Conductor
• Material - Silver
Coated Copper
Clad Steel
• 26AWG
(7/0.175mm)
• Diameter -
0.53mm
Insulation
• Material - FEP
• Avg. Thickness
- 0.51mm
• Diameter
- 1.53±0.03mm
• Colour - Clear
Braid Shield
• Material
- Silver Coated
Copper
• Structure -
16/5/0.10mm
• Coverage - 95%
• Diameter - 1.98
±
0.05mm
Braid Shield
• Material - Silver
- Coated Copper
• Structure -
16/5/0.10mm
• Coverage - 86%
• Diameter - 2.38
± 0.05mm
Jacket
• Material
- FEP
• Avg. Thickness -
0.30mm
• Diameter - 2.90±
0.10mm
• Colour - Brown
The Characteristic of RG316 Coaxial Cable
Rating Temp Voltage:
105°C 30V
Insulation Resistance:
3000 MΩ-Km (Min)
Conductor Resistance:
302 Ω/Km 20°C (Max)
Dielectric Strength:
AC 1 KV/Minute
Spark Test
5.0 KV
Nom. Impedance
50 ± 3 Ω
Nom. Capacitance
95.8 ± 3 pF/m
Nom. Vel. of Prop.
69%
VSWR (0-6 GHz)
Max 1.3
Attenuation
500MHz
1GHz
1.5GHz
2GHz
2.5GHz
3GHz
(dB / 3M)
1.8
2.6
3.2
3.7
4.2
4.6


Similar Part No. - CAB952

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAB951 ETC2-CAB951 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 1000mm (3.28) RG-316 to SMA(M)
CAB953 ETC2-CAB953 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
CAB954 ETC2-CAB954 Datasheet
1Mb / 6P
   Taoglas Cable Assembly N Type Jack with O-Ring to 300mm(11.81) 1.37 to IPEX MHFI(U.FL comp)
CAB955 ETC2-CAB955 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm(3.93) RG-316 SMA(M)ST PLUG
CAB956 ETC2-CAB956 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm (3.93) RG-316 MCX(M)ST PLUG
More results

Similar Description - CAB952

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAB951 ETC2-CAB951 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 1000mm (3.28) RG-316 to SMA(M)
CAB955 ETC2-CAB955 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm(3.93) RG-316 SMA(M)ST PLUG
CAB956 ETC2-CAB956 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm (3.93) RG-316 MCX(M)ST PLUG
CAB942 ETC2-CAB942 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 7620mm (25) CFD-200 to SMA(M)
CAB953 ETC2-CAB953 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
CAB954 ETC2-CAB954 Datasheet
1Mb / 6P
   Taoglas Cable Assembly N Type Jack with O-Ring to 300mm(11.81) 1.37 to IPEX MHFI(U.FL comp)
CABT01 ETC2-CABT01 Datasheet
317Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight Jack to TS9(M) Straight Plug with 100mm RG-174 cable
logo
Molex Electronics Ltd.
0897616822 MOLEX11-0897616822 Datasheet
30Kb / 1P
   SMA Jack-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
logo
Taoglas antenna solutio...
CAB0114 TAOGLAS-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
logo
List of Unclassifed Man...
CAB0114 ETC2-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com