Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3WS47RJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EP3WS47RJ
Description  Type EP Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP3WS47RJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EP3WS47RJ Datasheet HTML 1Page - List of Unclassifed Manufacturers EP3WS47RJ Datasheet HTML 2Page - List of Unclassifed Manufacturers EP3WS47RJ Datasheet HTML 3Page - List of Unclassifed Manufacturers EP3WS47RJ Datasheet HTML 4Page - List of Unclassifed Manufacturers EP3WS47RJ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wirewound Anti-Surge Resistor
Type EP Series
9-1773463-6 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
n
Power up to 10W in
Small Size
n
16 Size / Power Options
n
Specially Designed and
Tested for Surge Immunity
n
Flame Resistant Coating
TE Connectivity is pleased to offer this wire wound axial leaded resistor. Robustly manufac-
tured with high quality materials this resistor offers flame proof coating, and is designed and
tested to withstand power surges of up to 12KV.
Characteristics – Electrical
Type
Rated
Max.
Max.
Dielectric
Resistance
Operating
Power
Working
Overload
Withstanding
Range
Temp.
at70°C
Voltage
Voltage
Voltage
Range
Normal
EP05W
1/2W
500 V
1,000 V
350 V
10Ω – 560Ω
size
(0.50W)
EP1W
1W
500 V
1,000 V
500 V
10Ω– 1KΩ
EP2W
2W
500 V
1,000 V
500 V
10Ω – 2KΩ
EP3W
3W
500 V
1,000 V
500 V
10Ω – 3KΩ
EP5W
5W
500 V
1,000 V
500 V
10Ω – 5KΩ
EP7W
7W
500 V
1,000 V
500 V
10Ω – 6KΩ
EP8W
8W
500 V
1,000 V
500 V
10Ω – 10KΩ
EP9W
9W
500 V
1,000 V
500 V
10Ω – 15KΩ
Small
EP1WS
1W
500 V
1,000 V
500 V
10Ω – 560Ω
size
EP2WS
2W
500 V
1,000 V
500 V
10Ω – 1KΩ
EP3WS
3W
500 V
1,000 V
500 V
10Ω – 2KΩ
EP5WS
5W
500 V
1,000 V
500 V
10Ω – 3KΩ
EP7WS
7W
500 V
1,000 V
500 V
10Ω – 5KΩ
EP8WS
8W
500 V
1,000 V
500 V
10Ω – 6KΩ
EP9WS
9W
500 V
1,000 V
500 V
10Ω – 10KΩ
EP10WS
10W
500 V
1,000 V
500 V
10Ω – 15KΩ
-55℃ –
+155℃
-55℃ –
+155℃
-55
0
50
100
150
200
250
300
100
80
60
40
20
0
AmbientTemperature(°C)
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve.
Power Derating Curve
+70 °C
+155 °C
+275 °C


Similar Part No. - EP3WS47RJ

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EP30 YUXIANG-EP30 Datasheet
105Kb / 2P
   EP Core
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Actel Corporation
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
EP3001 EOREX-EP3001 Datasheet
93Kb / 4P
   Evaluation Board Manual
More results

Similar Description - EP3WS47RJ

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EP1311D SUMIDA-EP1311D Datasheet
135Kb / 1P
   ADSL Transformer< Pin Type: EP Series>
EP1311C SUMIDA-EP1311C Datasheet
141Kb / 1P
   ADSL Transformer< Pin Type: EP Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
EP1311 SUMIDA-EP1311 Datasheet
139Kb / 2P
   ADSL Transformer < Pin Type: EP Series>
EP109ME SUMIDA-EP109ME Datasheet
66Kb / 1P
   Power Inductor< Pin Type: EP***ME Series>
logo
Micro Electronics
PIT-1301 MICRO-ELECTRONICS-PIT-1301 Datasheet
215Kb / 1P
   ISDN INTERFACE TRANSFORMER FOR EP TYPE
logo
Hammond Manufacturing L...
EP1212 HAMMOND-EP1212 Datasheet
92Kb / 1P
   Inner Panels EP Series
logo
List of Unclassifed Man...
EP13 ETC2-EP13 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
logo
YUXIANG Magnetc materia...
EP7 YUXIANG-EP7 Datasheet
105Kb / 2P
   EP Core
logo
Fair-Rite Products Corp...
6578070121 FAIR-RITE-6578070121 Datasheet
513Kb / 1P
   EP Cores
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com