Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITMS-S0019 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # ITMS-S0019
Description  Single Channel Integrated Tap Monitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

ITMS-S0019 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  ITMS-S0019 Datasheet HTML 1Page - OPLINK Communications Inc. ITMS-S0019 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Parameters
Specification
Unit
Operating Wavelength Range
1260~1360
1510~1610
nm
Through
Insertion Loss (@ λ
Op, TOp, All SOP, exclude
connector)
2%
5%
10%
≤ 0.4
≤ 0.6
≤ 0.9
dB
Polarization Dependent Loss
≤ 0.05
dB
Return loss (exclude connector)
≥ 45
dB
Tapped
Monitoring
Responsivity (relative to nominal power at
input port)
2%
5%
10%
10~23
26~59
52~110
14~25
35~65
70~120
mA/W
Responsivity Temperature Dependence (@1310nm
or 1550nm)
≤ 0.3
dB
Responsivity Polarization Dependence
≤ 0.1
dB
PD
PD Dark Current (@ 70°C, -5V bias)
0.5G Bandwidth
≤ 10
nA
2.0G Bandwidth
≤ 2.5
nA
Reverse Voltage
≤ 20
V
Forward Current
≤ 10
mA
Conditions
Input Optical Power
2%
5%
10%
≤ 21
≤ 16
≤ 12
dBm
Operating Temperature Range (<85%RH,Non-condensing)
-5 to +70
°C
Storage Temperature Range (<85%RH,Non-condensing)
-40 to +85
°C
Fiber Type
SMF-28
Applications
Performance Specification
ns
S0019 - R06. 20110316
Single Channel Integrated Tap
Monitors
ITMS Series
Oplink’s Single Channel IntegratedTap Monitor (ITMS) is a hybrid component that integrates
a flat spectral response of a thin-film tap with a high sensitivity PIN photodiode for power
monitoring applications. The ITMS minimizes component assembly costs and module foot-
print while increasing module design efficiency by facilitating fiber management.
The ITMS integrates the functionality of an optical coupler and a photodiode while deliv-
ering low insertion loss and low dark current with high temperature stability over a wide
wavelength range. It is compact and easy to mount on a PCB board for module and net-
work system use. Applications include DWDM channel power monitoring, optical network
switching/protection monitoring, re-configurable optical add/drop multiplexers, and gain/
attenuation monitoring in amplifier systems.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full function
module or subsystem.
2-/3-pin Package Easily Mounted
on a PCB
Flat and Broad Operating
Wavelength Range
Low Insertion Loss and PDL
Low Dark Current
Various Tap Ratios Available
High Temperature Stability with
Hermetically Sealed Photodiode
DWDM channel monitoring
Optical network switch/protection
monitoring
Re-configurable optical add/drop
multiplexers
Gain/attenuation monitoring in
amplifier systems
EDFAs and Raman amplifiers


Similar Part No. - ITMS-S0019

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
ITMS OPLINK-ITMS Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
ITMS302050011 OPLINK-ITMS302050011 Datasheet
260Kb / 2P
   Single Channel Integrated Tap Monitors
ITMS302050012 OPLINK-ITMS302050012 Datasheet
260Kb / 2P
   Single Channel Integrated Tap Monitors
ITMS302050041 OPLINK-ITMS302050041 Datasheet
260Kb / 2P
   Single Channel Integrated Tap Monitors
ITMS302050052 OPLINK-ITMS302050052 Datasheet
260Kb / 2P
   Single Channel Integrated Tap Monitors
More results

Similar Description - ITMS-S0019

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
ITMSD02050011 OPLINK-ITMSD02050011 Datasheet
260Kb / 2P
   Single Channel Integrated Tap Monitors
UTMS OPLINK-UTMS Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMS-S0074 OPLINK-UTMS-S0074 Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMSD0220 OPLINK-UTMSD0220 Datasheet
231Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
ITMSECO-S0193 OPLINK-ITMSECO-S0193 Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
ITMS OPLINK-ITMS Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
ITMSE05ECO81111G OPLINK-ITMSE05ECO81111G Datasheet
162Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
BTMSD02050011H OPLINK-BTMSD02050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
ITMSMM OPLINK-ITMSMM Datasheet
218Kb / 2P
   Integrated Tap Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com