Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV32N20E Datasheet(PDF) 7 Page - Motorola, Inc

Part # MTV32N20E
Description  TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV32N20E Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MTV32N20E Datasheet HTML 2Page - Motorola, Inc MTV32N20E Datasheet HTML 3Page - Motorola, Inc MTV32N20E Datasheet HTML 4Page - Motorola, Inc MTV32N20E Datasheet HTML 5Page - Motorola, Inc MTV32N20E Datasheet HTML 6Page - Motorola, Inc MTV32N20E Datasheet HTML 7Page - Motorola, Inc MTV32N20E Datasheet HTML 8Page - Motorola, Inc MTV32N20E Datasheet HTML 9Page - Motorola, Inc MTV32N20E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MTV32N20E
7
Motorola TMOS Power MOSFET Transistor Device Data
INFORMATION FOR USING THE DPAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self align when subjected to a
solder reflow process.
0.190
4.826
mm
inches
0.100
2.54
0.063
1.6
0.165
4.191
0.118
3.0
0.243
6.172
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a
function of the drain pad size.
These can vary from the
minimum pad size for soldering to a pad size given for
maximum power dissipation. Power dissipation for a surface
mount device is determined by TJ(max), the maximum rated
junction temperature of the die, R
θJA, the thermal resistance
from the device junction to ambient, and the operating
temperature, TA. Using the values provided on the data sheet,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device. For a D3PAK
device, PD is calculated as follows.
PD =
150
°C – 25°C
62.5
°C/W
= 2.0 Watts
The 62.5
°C/W for the D3PAK package assumes the use of
the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 2.0 Watts. There are
other alternatives to achieving higher power dissipation from
the surface mount packages. One is to increase the area of the
drain pad. By increasing the area of the drain pad, the power
dissipation can be increased. Although one can almost double
the power dissipation with this method, one will be giving up
area on the printed circuit board which can defeat the purpose
of using surface mount technology. For example, a graph of
R
θJA versus drain pad area is shown in Figure 15.
Figure 15. Thermal Resistance versus Drain Pad
Area for the D3PAK Package (Typical)
1.75 Watts
Board Material = 0.0625
G–10/FR–4, 2 oz Copper
80
100
60
40
20
10
8
6
4
2
0
3.0 Watts
5.0 Watts
TA = 25°C
A, AREA (SQUARE INCHES)
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Similar Part No. - MTV32N20E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTV32N20E ISC-MTV32N20E Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTV32N20E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW32N20E MOTOROLA-MTW32N20E Datasheet
205Kb / 8P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD4N20E MOTOROLA-MTD4N20E Datasheet
268Kb / 10P
   TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM
MTP36N06V MOTOROLA-MTP36N06V Datasheet
188Kb / 8P
   TMOS POWER FET 32 AMPERES 60 VOLTS RDS(on) = 0.04 OHM
MTW32N25E MOTOROLA-MTW32N25E Datasheet
151Kb / 8P
   TMOS POWER FET 32 AMPERES 250 VOLTS RDS(on) = 0.08 OHM
MTP20N20E MOTOROLA-MTP20N20E Datasheet
203Kb / 8P
   TMOS POWER FET 20 AMPERES 200 VOLTS RDS(on) = 0.16 OHM
MTY55N20E MOTOROLA-MTY55N20E Datasheet
231Kb / 8P
   TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM
MTE125N20E MOTOROLA-MTE125N20E Datasheet
228Kb / 8P
   TMOS POWER FET 125 AMPERES 200 VOLTS RDS(on) = 0.015 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTP7N20E MOTOROLA-MTP7N20E Datasheet
223Kb / 8P
   TMOS POWER FET 7.0 AMPERES 200 VOLTS RDS(on) = 0.70 OHMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com