Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQUAAF474KA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQUAAF474KA
Description  Metallized Polypropylene Film Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQUAAF474KA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQUAAF474KA Datasheet HTML 1Page - Panasonic Semiconductor ECQUAAF474KA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Metallized Polypropylene Film Capacitor
Type:
ECQUA [Class X2]
In accordance with UL/CSA and European safety
regulation class X2
■Features
●Compact
●Flame-retardant plastic case and non-combustible resin
●RoHS directive compliant
■Recommended Applications
●Interference suppressors
■Explanation of Part Numbers
■Applicable Standard
UL
UL 60384-14
Across-The-Line Capacitors
Antenna-Coupling and Line-By-Pass Components
(0.10 μF to 1.0μF)
CSA
CAN/CSA E60384-14
Across-the-line capacitors
Antenna-isolation and line-by-pass capacitors
(0.10 μF to 1.0 μF)
Accredited
by UL
Europe
EN 60384-14
Class X2
(0.10 μF to 1.0 μF)
International
IEC 60384-14
Class X2
(0.10 μF to 1.0 μF)
Accredited
by VDE
*When applying this capacitor to European and American safety standards, please use type designation and rating
such as ECQUA,0.1μF.
*Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the
latest file No
■Specifications
Category temp. range
-40 ℃ to +110 ℃
Rated voltage
275 VAC
Capacitance range
0.10 to 1.0μF
Capacitance tolerance
±10 % (K),±20 % (M)
Dissipation factor (tanδ)
tanδ≦1.0 % (20 ℃,1 kHz)
Withstand voltage
Between terminals: 633 VAC,1183VDC 60s
Between terminals to enclosure: 2050 VAC 60 s
Insulation resistance (IR)
C≦0.33μF : IR≧15000 MΩ (20 ℃, 100 VDC, 60 s)
C>0.33μF : IR≧5000 MΩ・μF (20 ℃, 100 VDC, 60 s)
C≦0.47μF :IR≧2000 MΩ(20 ℃, 500 VDC, 60 s)
*Use of this capacitor is limited to AC voltage (50Hz or 60Hz sine wave).
E
C
Q
U
A
A
F
Product code
Dielectric &
construction
Rated voltage
Capacitance
Suffix
Cap. Tol.
K
M
±10%
±20%
Blank
Straight
A
Cut lead
12


Similar Part No. - ECQUAAF474KA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQUAAF474KA PANASONIC-ECQUAAF474KA Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECQUAAF474KA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com