Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP9110MDM Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP9110MDM
Description  INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP9110MDM Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP9110MDM Datasheet HTML 1Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 2Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 3Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 4Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APRIL 2013 - REVISED NOVEMBER 2013
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
TISP9110MDM Overvoltage Protector
Electrical Characteristics for any Section, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
ID
Off-state current
VD = VDRM, VG1(Line) = 0, VG2 ≥ +5 V
VD = VDRM, VG2(Line) = 0, VG1 ≥ -5 V
TA = 25 °C
TA = 85 °C
TA = 25 °C
TA = 85 °C
-5
-50
+5
+50
μA
IG1(Line)
Negative-gate leakage current
VG1(Line) = -220 V
- 5
μA
IG2(Line)
Positive-gate leakage current
VG2(Line) = +220 V
+ 5
μA
VG1L(BO)
Gate - Line impuls e breakover voltage
VG1 = -100 V, IT = -100 A (see Note 6)
VG1 = -100 V, IT = -30 A
2/10 μs
10/1000 μs
-15
-11
V
VG2L(BO)
Gate - Line impuls e breakover voltage
VG2 = +100 V, IT = +100 A (see Note 6)
VG2 = +100 V, IT = +30 A
2/10 μs
10/1000 μs
+15
+11
V
IH-
Negative holding current
VG1 = -60 V, IT = -1 A, di/dt = 1 A/ms
-150
mA
IG1T
Negative-gate trigger current
IT =-5A,t p(g) ≥20μs, VG1 = -60 V
+ 5
mA
IG2T
Positive-gate trigger current
IT =5A,t p(g) ≥20μs, VG2 = 60 V
- 5
mA
CO
Line - Ground off-state capacitance
f = 1 MHz, VD = -3 V, G1 & G2 open circuit
33
pF
NOTE:
6. Voltage measurements should be made with an oscillosc ope with limited bandw idth (20 MHz) to avoid high frequency no ise.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage
VG1(Line) =0,V G2 ≥ +5 V
VG2(Line) =0,V G1 ≥-5 V
VDRM
-120
+120
V
Non-repetitive peak impulse current (see Notes 1, 2, 3 and 4)
IPPSM
±150
±80
±50
A
2/10 μs (Telcordia GR-1089-CORE)
5/310 μs (ITU-T K.20, K.21 & K.45, K.44 open-circuit voltage wave shape 10/700 ms)
10/1000 μs (T elcordia GR-1089-CORE)
Non-repetitive peak on-state current, 50 Hz / 60 Hz (see Notes 1, 2, 3 and 5)
ITSM
9.0
5.0
1.7
A
0.2 s
1 s
900 s
Maximum negative battery supply voltage
VG1M
-110
V
Maximum positive battery supply voltage
VG2M
+110
V
Maximum differential battery supply voltage
V(BAT)M
220
V
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially the device must be in thermal equilibrium with TJ = 25 °C. The surge may be repeated after the device returns to its initial
conditions.
2. The rated current values may be applied to either of the Line to Ground terminal pairs. Additionally, both terminal pairs may have
their rated current values applied simultaneously (in this case the Ground terminal current will be twice the rated current value of a
single terminal pair).
3. Rated currents only apply if pins 6 & 7 (Ground) are connected together.
4. Applies for the following bias conditions: VG1 = -20 V to -110 V, VG2 = 0 V to +110 V.
5. EIA/JESD51-2 environment and EIA/JESD51-7 high effective thermal conductivity test board (multi-layer) connected with 0.6 mm
printed wiring track widths.


Similar Part No. - TISP9110MDM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110LDM BOURNS-TISP9110LDM Datasheet
212Kb / 5P
   Overvoltage Protector
TISP9110LDMR-S BOURNS-TISP9110LDMR-S Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
More results

Similar Description - TISP9110MDM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8200M BOURNS-TISP8200M Datasheet
286Kb / 11P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8200HDM BOURNS-TISP8200HDM Datasheet
481Kb / 7P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP820XM BOURNS-TISP820XM Datasheet
329Kb / 13P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD Datasheet
414Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD_07 Datasheet
417Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
   TISP61089M SLIC Overvoltage Protector
logo
STMicroelectronics
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
   DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com