Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM695 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM695
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM695 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM695 Datasheet HTML 5Page - Analog Devices ADM695 Datasheet HTML 6Page - Analog Devices ADM695 Datasheet HTML 7Page - Analog Devices ADM695 Datasheet HTML 8Page - Analog Devices ADM695 Datasheet HTML 9Page - Analog Devices ADM695 Datasheet HTML 10Page - Analog Devices ADM695 Datasheet HTML 11Page - Analog Devices ADM695 Datasheet HTML 12Page - Analog Devices ADM695 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Performance Curves–ADM690–ADM695
5.00
4.80
0
100
4.95
4.85
20
4.90
80
60
40
V
CC = 5V
T
A = +25°C
SLOPE = 1.5
I
OUT – mA
Figure 8. VOUT vs. IOUT Normal
Operation
1.303
1.299
20
120
1.302
1.300
40
1.301
100
80
60
TEMPERATURE –
°C
Figure 11. PFI Input Threshold vs.
Temperature
6
1.25
0
2
0
1
3
4
5
0.8
0.5 0.6
0.3 0.4
0.7
0.2
0.1
V
PFI
1.3V
30pF
PFO
V
CC = 5V
T
A = +25°C
1.35
TIME –
µs
Figure 14. Power Fail Comparator
Response Time
2.80
2.76
0
1000
2.79
2.77
200
2.78
800
600
400
I
OUT – µA
SLOPE = 20
V
CC = 0V
V
BATT = +2.8V
T
A = +25°C
Figure 9. VOUT vs. IOUT Battery
Backup
53
49
20
120
52
50
40
51
100
80
60
V
CC = +5V
TEMPERATURE –
°C
ADM690
ADM691
ADM692
ADM693
Figure 12. Reset Active Time vs.
Temperature
6
90
1.25
0
1.35
2
0
1
3
4
5
80
50 60
30 40
70
20
10
V
PFI
1.3V
30pF
PFO
V
CC = 5V
T
A = +25°C
TIME –
µs
Figure 15. Power Fail Comparator
Response Time
10
90
100
0%
3.36 V
500ms
A4
1V
1V
Figure 10. Reset Output Voltage vs.
Supply Voltage
4.70
4.62
20
120
4.68
4.64
40
4.66
100
80
60
TEMPERATURE –
°C
V
CC = +5V
POWER-UP
POWER-DOWN
ADM690
ADM691
ADM694
ADM695
Figure 13. Reset Voltage Threshold
vs. Temperature
6
0
1.8
1.25
0
1.35
2
0
1
3
4
5
1.6
1.0 1.2
0.6 0.8
1.4
0.4
0.2
V
CC = 5V
T
A = +25°C
V
PFI
1.3V
30pF
PFO
+5V
10k
+5V
TIME –
µs
Figure 16. Power Fail Comparator
Response Time with Pull-Up Resistor
REV. A
–9–


Similar Part No. - ADM695

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM695 AD-ADM695 Datasheet
284Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695 AD-ADM695 Datasheet
199Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695AN AD-ADM695AN Datasheet
284Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695AN AD-ADM695AN Datasheet
199Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695AN AD-ADM695AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results

Similar Description - ADM695

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com