Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AD74111 Datasheet(PDF) 17 Page - Analog Devices

Part No. AD74111
Description  Low Cost, Low Power Mono Audio Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD74111 Datasheet(HTML) 17 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD74111
–17–
Table X. Control Register E
ADCL Peak
ADC
DAC
R/W
ADDRESS
RES
Reserved
Enable
ADC Gain
Mute
Mute
15
14, 13, 12, 11
10
9, 8, 7, 6
5
4, 3, 2
1
0
1
0100
0
0
0 = Disabled
000 = 0 dB
0 = Normal
0 = Normal
1 = Peak Enable
001 = 3 dB
1 = Mute
1 = Mute
010 = 6 dB
011 = 9 dB
1XX = 12 dB
Function
Table XI. Control Register F
R/W
ADDRESS
RES
Reserved
ADC Input Peak Level
15
14, 13, 12, 11
10
9, 8, 7, 6
5, 4, 3, 2, 1, 0
000000 = 0 dBFS
000001 = –1 dBFS
0
0101
0
0
000010 = –2 dBFS
111110 = –62 dBFS
111111 = –63 dBFS
Function
Table XII. Control Register G
R/W
ADDRESS
RES
DAC Volume
15
14, 13, 12, 11
10
9, 8, 7, 6, 5, 4, 3, 2, 1, 0
0000000000 = 0 dBFS
0000000001 = (1023/1024) dBFS
1
0110
0
0000000010 = (1022/1024) dBFS
1111111110 = (2/1024) dBFS
1111111111 = Mute
Function


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn