Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AD74111 Datasheet(PDF) 16 Page - Analog Devices

Part No. AD74111
Description  Low Cost, Low Power Mono Audio Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD74111 Datasheet(HTML) 16 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
AD74111
Table VII. Control Register B
Third MCLK
Second MCLK
First MCLK
R/W
ADDRESS
RES
Reserved
Divider
Divider
Divider
15
14, 13, 12, 11
10
9, 8, 7, 6
5, 4
3, 2
1, 0
1
0001
0
0
00 = Divide by 1
00 = Divide by 1
00 = Divide by 1
01 = Divide by 2
01 = Divide by 2
01 = Divide by 2
10 = Divide by 4
10 = Divide by 3
10 = Divide by 3
11 = Divide by 1
11 = Divide by 1
11 = Divide by 1
Table VIII. Control Register C
DAC and ADC
Low Group
DAC
ADC High-
R/W
ADDRESS
RES
Reserved
Word Width
Delay
De-emphasis
Pass Filter
15
14, 13, 12, 11
10
9, 8, 7, 6
5, 4
3
2, 1
0
1
0010
0
0
00 = 16 Bits
0 = Disabled
00 = None
0 = Disabled
01 = 20 Bits
1 = Enabled
01 = 44.1 kHz
1 = Enabled
10 = 24 Bits
10 = 32 kHz
11 = 24 Bits
11 = 48 kHz
Table IX. Control Register D
Master/
R/W
ADDRESS
RES
Multiframe Sync
Reserved
DM/MM
DSP Mode
Fast DCLK
Slave
15
14, 13, 12, 11
10
9
8, 7, 6, 5, 4
3
2
1
0
1
0011
0
0 = Normal Mode
0
0 = Data Mode
0 = 16 Bits
0 = 128
fS
0 = Slave
1 = MFS Mode
1 = Mixed Mode 1 = 32 Bits
1 = 256
fS
1 = Master
Table VI. Control Register A
ADC Input
Reference
R/W
ADDRESS
RES
Reserved
Amplifier
ADC
DAC
Reference
Amplifier
Reserved
15
14, 13, 12, 11
10
9, 8, 7
6
5
4
3
2
1, 0
1
0000
0
0
0 = Off
0 = Off
0 = Off
0 = Off
0 = Off
0
1 = On
1 = On
1 = On
1 = On
1 = On
Function
Function
Function
Function


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn